Electronic Components Datasheet Search
  English  ▼

X  

US1150CS Datasheet(PDF) 4 Page - UNISEM

Part # US1150CS
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1150CS Datasheet(HTML) 4 Page - UNISEM

  US1150CS Datasheet HTML 1Page - UNISEM US1150CS Datasheet HTML 2Page - UNISEM US1150CS Datasheet HTML 3Page - UNISEM US1150CS Datasheet HTML 4Page - UNISEM US1150CS Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1150
2-4
Rev. 1.2
10/28/99
APPLICATION INFORMATION
APPLICATION INFORMATION
Introduction
The US1150 adjustable regulator is a 5 terminal device
designed specificaly to provide extremely low dropout
voltages comparable to the PNP type without the disad-
vantage of the extra power dissipation due to the base
current associated with PNP regulators.This is done by
bringinging out the control pin of the regulator that pro-
vides the base current to the power NPN and connect-
ing it to a voltage that is grater than the voltage present
at the Vin pin.This flexebility makes the US1150 ideal
for applications where dual inputs are available such as
a computer motherboard with an ATX style power sup-
ply that provides 5V and 3.3V to the board.One such
application is the new graphic chip sets that require any-
where from 2.4V to 2.7V supply such as the Intel I740
chip set. The US1150 can easily be programmed with
the addition of two external resistors to any voltages
within the range of 1.25 to 5.5 V. Another major require-
ment of these graphic chips such as the Intel I740 is the
need to switch the load current from zero to several amps
in tens of nanoseconds at the processor pins ,which
translates to an approximately 300 to 500 nS of current
step at the regulator . In addition, the output voltage tol-
erances are also extremely tight and they include the
transient response as part of the specification.
The US1150 is specifically designed to meet the fast
current transient needs as well as providing an accurate
initial voltage , reducing the overall system cost with the
need for fewer number of output capacitors.Another fea-
ture of the device is its true remote sensing capability
which allows accurate voltage setting at the load rather
than at the device.
Output Voltage Setting
The US1150 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Figure 2 - Typical application of the US1150 for
programming the output voltage.
BLOCK DIAGRAM
BLOCK DIAGRAM
V
V
R
R
I
R
Wehre : V
V Typically
I
lly
R
in figure
OUT
REF
ADJ
REF
ADJ
=
+


+
×
1
125
2
2
1
2
1
2
= .
=50 uA Typica
& R as shown
Figure 1 - Simplified block diagram of the US1150
Vctrl
Vin
Vsense
1150blk1-1.1
Adj
Vout
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+
Vout
1150app2-1.1
R1
R2
Vin
Vctrl
Vref
IAdj = 50uA
US1150
Vsense
Adj
Vout
Vctrl
Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com