Electronic Components Datasheet Search
  English  ▼

X  

US431ALCZ Datasheet(PDF) 3 Page - UNISEM

Part # US431ALCZ
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US431ALCZ Datasheet(HTML) 3 Page - UNISEM

  US431ALCZ Datasheet HTML 1Page - UNISEM US431ALCZ Datasheet HTML 2Page - UNISEM US431ALCZ Datasheet HTML 3Page - UNISEM US431ALCZ Datasheet HTML 4Page - UNISEM US431ALCZ Datasheet HTML 5Page - UNISEM US431ALCZ Datasheet HTML 6Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
US431L/431AL
2-3
Rev. 1.2
5/11/98
Pin Descriptions
Pin Descriptions
BLOCK DIAGRAM
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the US431L
431blk1-1.0
+
Cathode
1.24V
Anode
Ref
SOT 23
TO 92
8 PIN
SOIC
PIN#
PIN#
PIN#
PIN SYMBOL
4
1
8
Ref
3
3
1
Cathode
5
2
3,6
Anode
1,2
NA
2,4,5,7
NC
Pin Description
A resistor divider from this pin to the Cathode pin and
ground sets the output voltage.
The output of the shunt regulator .A minimum of 1uF
capacitor must be connected from this pin to Anode pin
to insure unconditional stability.
Ground pin. This pin must be connected to the lowest
potential in the system & all other pins must be at higher
potential with respect to this pin.
These pins are not connected internally.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com