Electronic Components Datasheet Search
  English  ▼

X  

US431ALCZ Datasheet(PDF) 4 Page - UNISEM

Part # US431ALCZ
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US431ALCZ Datasheet(HTML) 4 Page - UNISEM

  US431ALCZ Datasheet HTML 1Page - UNISEM US431ALCZ Datasheet HTML 2Page - UNISEM US431ALCZ Datasheet HTML 3Page - UNISEM US431ALCZ Datasheet HTML 4Page - UNISEM US431ALCZ Datasheet HTML 5Page - UNISEM US431ALCZ Datasheet HTML 6Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US431L/431AL
2-4
Rev. 1.2
5/11/98
APPLICATION INFORMATION
APPLICATION INFORMATION
Vo
V
Vref
R
R
Iref
R
KA
=
=
×
+


+
×
1
1
2
1
The maximum value for the biasing resistor is calcu-
lated using the following equations :
Assuming R1=2k
Ω as before,
The maximum power dissipation of the resistor is
calculated under the maximum supply voltage as
follows :
Thermal Design
The US431L is offered in the plastic TO-92 (Z) or the
surface mount SOT23-5 (L) packages. The TO-92 pack-
age has the maximum power dissipation capability of
775mW at Ta=25
°C with the derating factor of -6.2mW/
°C.The SOT23-5 package has the maximum power dis-
sipation capability of 150mW at Ta =25
°C with the
derating factor of -1.2mW/
°C.
Table below summarizes the maximum power dissipa-
tion capability of each package versus ambient tempera-
ture.
Ambient Temperature (Ta) -
°C
Pkg
25
40
50
60
70
TO 92
775mW 682mW 620mW 558mW 496mW
SOT23-5 150mW 132mW 120mW 108mW 96mW
Output Voltage Setting
The US431L can be programmed to any voltages in the
range of 1.24 to 6V with the addition of R1 and R2 exter-
nal resistors according to the following formula:
The US431L keeps a constant voltage of 1.240V be-
tween the Ref pin and ground pin. By placing a resistor
R2 across these two pins a constant current flows
through R2, adding to the Iref current and into the R1
resistor producing a voltage equal to the (1.240/R2)*R1
+ Iref * R1 which will be added to the 1.240V to set the
output voltage as shown in the above equation. Since
the Input bias current of the Ref pin is 0.5 uA max , it
adds a very small error to the output voltage and for most
applications can be ignored . For example, in a typical
5V to 3.3V application where R2=1.21k
Ω and R1=2kΩ
the error due to the Iadj is only 1mV which is about
0.03% of the nominal set point.
Figure 2 - Typical application of the US431L for program-
ming the output voltage.
Biasing Resistor (RB) Selection
The biasing resistor RB is selected such that it does
not limit the input current under the minimum input
supply and maximum load and biasing current.
An example is given below on how to properly select
the biasing resistor.
Assuming :
VMIN = 4.5 V
VMAX = 6 V
VKA = 3.3 V
IL = 10 mA
R
V
Where :
B
MIN
MAX
=
- V
I
+ I
I
= I
+ I
V
= Minimum supply voltage
I
= Maximum load current
I
= Maximum bias current
I
= Maximum value for the minimum
cathode current spec
I
= Current through R1
KA
B
L
B
K
R
MIN
L
B
K
R
MAX
MAX
MAX
MIN
MAX
MAX
MIN
I =
3.3 - 1.24
2
mA
I
= 0.08 + 1.03 = 1.11 mA
.5 - 3.3
1.11+ 10
R = 100
R
B
B
MAX
=
=
=
103
4
108
.
R
Selecting
B MAX
Ω
Ω
431app2-1.0
V
R2
Co
R1
R
US431
I
R
K
I L
VKA = VO
B
IN
L
(
)
P
V
Where :
P
R MAX
MAX
R MAX
B
B
(
)
(
)
=
=
- V
R
V
= Maximum supply voltage
Maximum R power dissipation
KA
B
MAX
B
2
(
)
PR MAX
B
(
)
=
- 3.3
mW
6
100
73
2
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com