Electronic Components Datasheet Search
  English  ▼

X  

TLRM1050 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TLRM1050
Description  TOSHIBA LED Lamp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRM1050 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TLRM1050 Datasheet HTML 6Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 7Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 8Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 9Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 10Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 11Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 12Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 13Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1050(T20)
2009-07-09
13
6. Packing form
(1) Packing quantity
Reel
400 pcs
Carton
2,000 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
7. Label format
(1) Example: TLSM1050 (T20)
P/N:
TOSHIBA
TYPE
TLSM1050
ADDC
(T20)
Q’TY
400 pcs
Lot Number
Key code for TSB
32C
400
(RANK SYMBOL)
Use under 5-30degC/70%RH within 168h
SEALED
[[G]]/RoHS COMPATIBLE
DIFFUSED IN *****
*Y380xxxxxxxxxxxxxxxxxx*
ASSEMBLED IN *****
(2)
Label location
*The Lot Number includes the following information.
Example: 270 9 D 3 G
→ “Packaged April 27, 2009”
a b c d e
a:
Domestic ID
b:
Last digit of the year (CE): “0” (Y2000), “1” (Y2001), “2” (Y2002)
to “9” (Y2009)
Repeated for each decade
c:
Month: “A” (Jan), “B” (Feb), “C” (Mar)
to “L” (Dec)
d:
Decade of the month: “1” (First), “2” (Middle), “3” (Last)
e:
Day in d above: “A” (1st), “B” (2nd), “C” (3rd)
to “J” (9th), “K” (10th)
“L” denotes the 31st of the month
“I” is not used to denote a day in this date system
Tape reel direction
Label position
Label position
•
Reel
•
Carton
•
The aluminum package in which the reel is supplied also has a copy of the label
attached to the center of one side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com