Electronic Components Datasheet Search
  English  ▼

X  

TLRM1050 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLRM1050
Description  TOSHIBA LED Lamp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRM1050 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLRM1050 Datasheet HTML 1Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 2Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 3Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 4Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 5Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 6Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 7Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 8Page - Toshiba Semiconductor TLRM1050 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1050(T20)
2009-07-09
2
Absolute Maximum Ratings (Ta = 25°C)
Product
Name
Forward Current
IF(mA)
Reverse Voltage
VR(V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (℃)
Storage
Temperature
Tstg (℃)
TLRM1050
TLRMM1050
TLSM1050
TLOM1050
TLYM1050
50
4
135
−40 to 100
−40 to 110
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc).
Note 1: Forward current derating
Electrical Characteristics (Ta
= 25°C)
Forward Voltage
VF
Reverse Current IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLRM1050
2.0
2.3
2.7
TLRMM1050
2.0
2.3
2.7
TLSM1050
2.0
2.3
2.7
20
10
4
TLOM1050
2.0
2.3
2.7
TLYM1050
2.0
2.3
2.7
Unit
V
mA
μA
V
IF – Ta
Ambient temperature Ta (°C)
0
80
60
0
100
80
120
40
20
40
20
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com