Electronic Components Datasheet Search
  English  ▼

X  

LM1114 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM1114
Description  Low Dropout CMOS Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM1114 Datasheet HTML 2Page - Cystech Electonics Corp. LM1114 Datasheet HTML 3Page - Cystech Electonics Corp. LM1114 Datasheet HTML 4Page - Cystech Electonics Corp. LM1114 Datasheet HTML 5Page - Cystech Electonics Corp. LM1114 Datasheet HTML 6Page - Cystech Electonics Corp. LM1114 Datasheet HTML 7Page - Cystech Electonics Corp. LM1114 Datasheet HTML 8Page - Cystech Electonics Corp. LM1114 Datasheet HTML 9Page - Cystech Electonics Corp. LM1114 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2009.02.25
Page No. : 6/10
LM1114M3/N3/A3
CYStek Product Specification
Characteristic Curves @CIN=1μF(tantalum), COUT=1μF(tantalum)
LM1114-3.3
Output Voltage vs Input Voltage
1
2
3
4
26
10
Input Voltage-VIN(V)
IO=1mA
IO=40mA
IO=80mA
Input-Output Voltage Differential
0
100
200
300
400
500
600
700
800
0
50
100
150
200
Input-Output-Iout(mA)
Supply Current vs Input Voltage
0
0.5
1
1.5
2
2.5
3
048
Input Voltage-VIN(V)
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com