Electronic Components Datasheet Search
  English  ▼

X  

LM1114 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM1114
Description  Low Dropout CMOS Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM1114 Datasheet HTML 1Page - Cystech Electonics Corp. LM1114 Datasheet HTML 2Page - Cystech Electonics Corp. LM1114 Datasheet HTML 3Page - Cystech Electonics Corp. LM1114 Datasheet HTML 4Page - Cystech Electonics Corp. LM1114 Datasheet HTML 5Page - Cystech Electonics Corp. LM1114 Datasheet HTML 6Page - Cystech Electonics Corp. LM1114 Datasheet HTML 7Page - Cystech Electonics Corp. LM1114 Datasheet HTML 8Page - Cystech Electonics Corp. LM1114 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2009.02.25
Page No. : 1/10
LM1114M3/N3/A3
CYStek Product Specification
Low Dropout CMOS Voltage Regulators
LM1114
Features
Applications
●
Maximum output current 250mA
●
Battery powered equipment
●
Highly accurate : output voltage+/-2%
●
Palmtops
●
Low power consumption : typ. 2μA
●
Portable cameras and video recorders
●
Small input/output differential:
●
Reference voltage sources
0.4V at 160mA(Vout=2.5V, 3.0V, 3.3V, 3.6V)
0.12V at 100mA(Vout=5V)
Product Description
The LM1114 series is a group of positive voltage output, three-pin regulators, that provide a
high current even when the input/output voltage differential is small. Low power consumption
and high accuracy is achieved through CMOS and programmable fuse technologies. Output
voltage: 2V to 6V in 0.1V increments.
The LM1114 consists of a high-precision voltage reference, an error correction circuit, and a
current limited output driver. Transient response to load variations is improved in comparison
to the existing ones.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
Vin
12
V
Output Current
Iout
500
mA
Output Voltage
Vout
Vss-0.3〜Vin+0.3
V
500
150
Continuous Total Power
Dissipation
TO-92
SOT-23
SOT-89
PD
500
mW
Operating Ambient Temperature
Topr
-40〜+85
℃
Storage Temperature
Tstg
-40〜+125
℃
Pin Configuration
TO-92
SOT-23
SOT-89
Vss
Vout
Vin
1
2
3
Vss
Vin
Vout
1
2
3
1
2
3
Vss Vin Vout


Similar Part No. - LM1114

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114-1.8A3-0-TB-G CYSTEKEC-LM1114-1.8A3-0-TB-G Datasheet
342Kb / 12P
Low Dropout CMOS Voltage Regulators
LM1114-1.8BA3-0-TB-G CYSTEKEC-LM1114-1.8BA3-0-TB-G Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114-1.8BA3-0-TB-G CYSTEKEC-LM1114-1.8BA3-0-TB-G Datasheet
386Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114-1.8BA3-0-TB-G CYSTEKEC-LM1114-1.8BA3-0-TB-G Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114-1.8BM3-0-T2-G CYSTEKEC-LM1114-1.8BM3-0-T2-G Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
More results

Similar Description - LM1114

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
Low Dropout CMOS Voltage Regulators
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com