Electronic Components Datasheet Search
  English  ▼

X  

MAX4451ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4451ESA
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4451ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4451ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0V, VCM = +2.5V, RF = 24
Ω, RL = 100Ω to VCC/2, VOUT = VCC/2, AVCL = +1V/V, TA = +25°C, unless otherwise
noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
2nd harmonic
3rd harmonic
Total harmonic
distortion
Spurious-Free Dynamic
Range
SFDR
-65
Bandwidth for 0.1dB Gain
Flatness
BW0.1dB
55
MHz
Large-Signal -3dB Bandwidth
BWLS
175
MHz
485
Settling Time to 0.1%
tS
16
ns
Rise/Fall Time
tR, tF
4
ns
-65
VOUT = 100mVP-P
Small-Signal -3dB Bandwidth
BWSS
210
MHz
dBc
fC = 5MHz, VOUT = 2VP-P
Harmonic Distortion
HD
-58
-63
dBc
Two-Tone, Third-Order
Intermodulation Distortion
IP3
66
dBc
Input 1dB Compression Point
14
dBm
Differential Phase Error
DP
0.08
degrees
Differential Gain Error
DG
0.02
%
Input Noise-Voltage Density
en
10
nV/
√Hz
Input Noise-Current Density
in
1.8
pA/
√Hz
Input Capacitance
CIN
1
pF
Output Impedance
ZOUT
1.5
Ω
CONDITIONS
VOUT = 2VP-P
VOUT = 2V step
f1 = 4.7MHz, f2 = 4.8MHz, VOUT = 1VP-P
VOUT = 100mVP-P
fC = 5MHz,
VOUT = 2VP-P
fC = 10MHz, AVCL = +2V/V
NTSC, RL = 150
Ω
NTSC, RL = 150
Ω
VOUT = 100mVP-P
f = 10kHz
f = 10kHz
f = 10MHz
Slew Rate
SR
V/µs
VOUT = 2V step
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Tested with VCM = +2.5V.
Note 3: PSR for single +5V supply tested with VEE = 0V, VCC = +4.5V to +5.5V; PSR for dual ±5V supply tested with VEE = -4.5V to
-5.5V, VCC = +4.5V to +5.5V.
Channel-to-Channel Isolation
CHISO
102
dB
Specified at DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com