Electronic Components Datasheet Search
  English  ▼

X  

MAX4451ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4451ESA
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4451ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4451ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4451ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, VEE = 0V, VCM = +2.5V, AVCL = +1V/V, RF = 24
Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)
4
-6
100k
10M
100M
1M
1G
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
VOUT = 100mVP-P
4
-6
100k
10M
100M
1M
1G
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
VOUT = 2VP-P
0.4
-0.6
100k
10M
100M
1M
1G
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
VOUT = 100mVP-P
100k
10M
1M
100M
1G
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
2ND HARMONIC
3RD HARMONIC
-10
-100
100k
100M
10M
1M
DISTORTION vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
VOUT = 2VP-P
AVCL = +1V/V
-10
-100
100k
100M
10M
1M
DISTORTION vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
2ND HARMONIC
3RD HARMONIC
VOUT = 2VP-P
AVCL = +2V/V
-10
-100
100k
100M
10M
1M
DISTORTION vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
2ND HARMONIC
3RD HARMONIC
VOUT = 2VP-P
AVCL = +5V/V
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0
400
200
600
800
1000
1200
DISTORTION vs. RESISTIVE LOAD
RLOAD (
Ω)
2ND HARMONIC
3RD HARMONIC
fO = 5MHz
VOUT = 2VP-P
AVCL = +1V/V
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
DISTORTION vs. VOLTAGE SWING
VOLTAGE SWING (Vp-p)
fO = 5MHz
AVCL = +1V/V
3RD HARMONIC
2ND HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com