Electronic Components Datasheet Search
  English  ▼

X  

IPPC-4000D Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPPC-4000D
Description  5.7 VGA TFT LCD 4U 19 Rack Industrial Panel PC with 7 Expansion Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-4000D Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-4000D Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-4000D Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel PCs
Features
IPPC-4000D 5.7"VGATFTLCD4U19"RackIndustrial
Panel PC with 7 Expansion Slots
Specifications
General
ƒ
Certifications
BSMI, CCC, CE, FCC
ƒ
Cooling System
2 x 85 CFM fan w/Air Filter
ƒ
Dimensions (W x H x D) 482 x 177 x 480 mm (19" x 7" x 18.9")
ƒ
Weight (Gross)
18 kg (39.6 lb)
ƒ
Power Input
90 ~ 264 VAC @ 47 ~ 63 Hz full range 6.0/3.0A
ƒ
Power Ouput
+ 5 V @ 30 A, +12 V @ 15 A, +3.3 V @ 28 A,
-5 V @ 0.3 A, -12 V @ 0.8 A, +5 VSB @ 2 A
ƒ
Power Supply
Watt: 300 W, MTBF: 100,000 hrs
LCD Display
ƒ
Backlight Life
50,000 hrs (LED Backlight)
ƒ
Contrast Ratio
300 : 1
ƒ
Display Size
5.7"
ƒ
Display Type
VGA TFT LCD
ƒ
Luminance
220 cd/m2
ƒ
Max. Colors
262 K (RGB 6-bit)
ƒ
Max. Resolution
640 x 480
ƒ
OSD Control
ON/OFF, Brightness down, up
ƒ
Viewing Angle (H/V°)
140/100
Environment
ƒ
Humidity
10 ~ 85% RH @ 40° C (non-condensing)
ƒ
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
ƒ
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
ƒ
Vibration Protection
5 ~ 500 Hz, 1 GRMS random vibration
System Hardware
Model
IPPC-4000D-A0AE
IPPC-4000D-A2AE
CPU
Intel uFC-LGA 775
Pentium4/Celeron D
(Up to 3.2GHz)
Intel uFC-LGA 775
Core 2 Extreme/Core 2 Duo
(Up to 2.13GHz)
Chipset
Intel 82915GV
Intel 82Q965
Memory
Four 240-pin DIMM sockets
up to 4GB
Dual Channel DDR2
667/533/400 SDRAM
Four 240-pin DIMM sockets
up to 8GB
Dual Channel DDR2
800/667/533 SDRAM
LAN
2 x 10/100/1000Base-T
(RTL8110SC)
1 x 10/100/1000Base-T
(Intel 82566DM)
Extension Slot
1 x ADD-2
5 x PCI(V2.2)
2 x ISA
1 x PCIex16
1 x PCIe x 4
5 x PCI(V2.2)
Storage
1 x 3.5"" HDD
3 x 5.25""(Front Accessible)
1 x 3.5"" HDD
3 x 5.25""(Front Accessible)
I/Os
6 x USB 2.0 (2 at front)
2 x PS/2
1 x RS-232/422/485
1 x Parallel Port
1 x VGA Port
Mic-in, Line-in, Line-out, CD
Audio in
6 x USB 2.0 (2 at front)
2 x PS/2
1 x Parallel Port
1 x VGA Port
1 x IEEE 1394a
1 x e-SATA
Mic-in, Line-in, Line-out, CD
Audio in, S/PDIF
Internal I/Os
(Included in
Accessories)
1 X RS-232 with cable &
bracket
2 x USB 2.0
4 X SATA with cable
4 X RS-232 with cable &
bracket
2 x USB 2.0
7 X SATA with cable
Ordering Information
ƒ
IPPC-4000D-A0AE
5.7" VGA 4U 19" Rack Ind. Panel PC, Pentium 4
ƒ
IPPC-4000D-A2AE
5.7" VGA 4U 19" Rack Ind. Panel PC, Core 2 Duo
ƒ 4U rackmount chassis supports ATX Industrial Motherboard
ƒ Supports high performance Intel Core 2 Duo processor
ƒ Shock-resistant disk drive bay design holds up to three 5.25" and one 3.5"
disk drives
ƒ Front accessible USB interface for easy data transferring
ƒ Dual front-accessible filtered cooling fans provide optimal, streamlined airflow
ƒ Front LEDs indicate system health, such as power status, fan operation, in
chassis temperature and HDD activity
ƒ Lockable front door prevents unauthorized access
ƒ Supports 300 W single PS/2 and reduntant ATX power supplies
ƒ Supports four hot swappable 2.5" SATA HDD's (Optional)
Introduction
IPPC-4000D is a 4U 19" rackmount industrial Panel PC with 5.7" VGA TFT LCD display and a built-in ATX industrial motherboard. This design reduces the interconnections
between the backplane and the CPU card, which enhances the platforms reliability. The compact & reliable design is catered for use in limited space environments, such as test and
measurement stations & machinery.
NEW


Similar Part No. - IPPC-4000D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC-084D-2R ETC2-IPPC-084D-2R Datasheet
1,018Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-104D-2R ETC2-IPPC-104D-2R Datasheet
316Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-120D-2R ETC2-IPPC-120D-2R Datasheet
950Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-150D-2R ETC2-IPPC-150D-2R Datasheet
1Mb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-170D-2R ETC2-IPPC-170D-2R Datasheet
776Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
More results

Similar Description - IPPC-4000D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IACP-4000D ADVANTECH-IACP-4000D Datasheet
257Kb / 2P
5.7" VGA TFT LCD Pentium짰 4/Celeron짰 D 4U Industrial Workstation with 7 x ISA/PCI Slots
logo
AAEON Technology
APC-7102 AAEON-APC-7102 Datasheet
727Kb / 2P
Intel Pentium III and Celeron Processor-based Industrial Robust Panel PC with 10.4 TFT LCD & 2 Expansion Slots
APC-7122 AAEON-APC-7122 Datasheet
782Kb / 2P
Intel Pentium III and Celeron Processor-based Industrial Robust Panel PC with 12.1 TFT LCD & 2 Expansion Slots
logo
Advantech Co., Ltd.
AWS-8248V ADVANTECH-AWS-8248V Datasheet
141Kb / 2P
Modular 15 TFT LCD Workstation with 14 Expansion Slots
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-7157A ADVANTECH-IPPC-7157A Datasheet
701Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 7 Expansion Slots and Keypad
IPPC-7158B ADVANTECH-IPPC-7158B Datasheet
744Kb / 2P
15 XGA TFT LCD Passive Backplane Industrial Panel PC with 14 Expansion Slots and Keypad
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com