Electronic Components Datasheet Search
  English  ▼

X  

IPPC-4000D Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPPC-4000D
Description  5.7 VGA TFT LCD 4U 19 Rack Industrial Panel PC with 7 Expansion Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-4000D Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPPC-4000D Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-4000D Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
IPPC-4000D
System View
OSD
(Onscreen
Display)
Power Reset
Alarm Reset
Power Switch
PCI Card Holder
with Clamp
Industrial
Motherboard
PSU
101.6 (4.0”)
177 (7.0”)
92 (3.6”) 92 (3.6”) 92 (3.6”)
12 (0.5”)
477.4 (18.8”)
486.7 (19.2”)
86 (3.4”)
Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702031836
Power Cable China/Australia Plug 1.8 M
ƒ
KBD-6312
1U Rackmount Keyboard with Touchpad
ƒ
9663400060E
Hot Swap SATA HDD
I/O Outlook
IPPC-4000D-A2AE
IPPC-4000D-A0AE
Hot Swap (Optional)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com