Electronic Components Datasheet Search
  English  ▼

X  

TS2508 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2508
Description  2A / 330KHz PWM Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2508 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2508 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS2508
2A / 330KHz PWM Buck Converter
4/8
Version: B07
Function Descriptions (Continue)
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS2508 adjustable output version. The external resistor
sets the output voltage according to the following equation:
Table 1: Resistor select for output voltage setting
VOUT
R2
R1
1.3K
6.8K
5V
5.6K
30K
1.5K
4.7K
3.3V
5.6K
18K
2.2K
4.7K
2.5V
5.6K
12K
1.8V
1.2K
1.5K
1.5V
2.2K
2K
1.2V
2K
1K
1V
2K
0.5K
The R2 setting 5.6k that no load current can be reduce to under 4mA for EL CAP
Input Capacitor Selection
This capacitor should be located close to the IC using short leads and the voltage rating should be approximately 1.5
times the maximum input voltage. The RMS current rating requirement for the input capacitor of a buck regulator is
approximately 1⁄2 the DC load current. A low ESR input capacitor sized for maximum RMS current must be used. A
220µF low ESR capacitor for most applications is sufficient
Output Capacitor Selection
The output capacitor is required to filter the output and provide regulator loop stability. The important capacitor
parameters are; the 100KHz Equivalent Series Resistance (ESR), the RMS ripples current rating, voltage rating, and
capacitance value. For the output capacitor, the ESR value is the most important parameter. The ESR can be
calculated from the following formula.
VRIPPLE = ∆IL x ESR = 0.33A x 130mΩ = 43mV
An aluminum electrolytic capacitor's ESR value is related to the capacitance and its voltage rating. In most case, higher
voltage electrolytic capacitors have lower ESR values. Most of the time, capacitors with much higher voltage ratings
may be needed to provide the low ESR values required for low output ripple voltage. It is recommended to replace this
low ESR capacitor by using a 330µF low ESR values < 130mΩ
Inductor Selection
For most designs, the operate with inductors of 12µH to 33µH. The inductor value can be derived from the following
equation:
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 15% of the maximum load current 2A, ∆IL=0.3A. The DC
current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to
prevent core saturation (2A+0.15A).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com