Electronic Components Datasheet Search
  English  ▼

X  

TS2508 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2508
Description  2A / 330KHz PWM Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2508 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2508 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2508 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS2508
2A / 330KHz PWM Buck Converter
1/8
Version: B07
SOP-8
General Description
TS2508 consists of step-down switching regulator with PWM control. These devise include a reference voltage
source, oscillation circuit, error amplifier, internal PMOS and etc. TS2508 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM control circuit is able to very the duty ratio linearly form 0 up to
100%. This converter also contains an error amplifier circuit as well as a soft-start circuit that prevents overshoot at
startup. An enable function, an over current protect function and short circuit protect function are built inside, and
when OCP or SCP happens, the operation frequency will be reduced. Also, an internal compensation block is built in
to minimum external component count. With the addition of an internal P-channel Power MOS, a coil, capacitors, and
a diode connected externally, these ICs can function as step-down switching regulators. They serve as ideal power
supply units for portable devices when coupled with the SOP-8 package, providing such outstanding features as low
current consumption. Since this converter can accommodate an input voltage up to 20V, it is also suitable for the
operation via an AC adapter.
Ordering Information
Part No.
Package
Packing
TS2508CS RL
SOP-8
2.5Kpcs / 13” Reel
Features
●
Input Voltage: 3.6V~20V
●
Output Voltage: 0.8V~Vcc
●
Duty Ratio: 0%~100% PWM Control
●
Oscillation Frequency: 330kHz typ.
●
Soft-Start (SS), Current Limit (CL), Enable Function
●
Thermal Shutdown Function
●
Short Circuit Protect (SCP)
●
Built-in Internal SW P-Channel MOSFET
Application
●
Simple High-efficiency Step down Regulator
●
On-Card Switching Regulators
Absolute Maximum Rating
Parameter
Symbol
Rating
Unit
VCC Pin Voltage
VCC
Gnd -0.3 to Gnd +22
V
Feedback Pin Voltage
VFB
Gnd -0.3 to VCC
V
ON/OFF Pin Voltage
VEN
Gnd -0.3 to VCC +0.3
V
Switch Pin Voltage
VSW
Gnd -0.3 to VCC +0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-40 to +150
℃
Operating Temperature Range
TOP
-20 to +125
℃
Operating Supply Voltage
VOP
+3.6 to +20
V
Output Current
IO
2
A
Thermal Resistance from Junction to case
θJC
25
℃/W
Thermal Resistance from Junction to ambient
θJA
70
℃/W
Pin Definition:
1. FB
8. Vss
2. Enable
7. Vss
3. Ocset
6. SW
4. Vcc
5. SW


Similar Part No. - TS2508

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
TS2508ACSRL TSC-TS2508ACSRL Datasheet
246Kb / 8P
3A / 330KHz PWM Buck Converter
TS2508ACSRL TSC-TS2508ACSRL Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
More results

Similar Description - TS2508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
PWM Control 2A Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2507 TSC-TS2507 Datasheet
372Kb / 9P
0.5A / 330KHz PWM Buck Controller
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com