Electronic Components Datasheet Search
  English  ▼

X  

TS19370 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19370
Description  Boost (Step-up) WLED Driver with OVP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19370 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19370 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19370
Boost (Step-up) WLED Driver with OVP
3/8
Version: D08
Functional Block
Pin Description
Pin
Function
Description
1
SW
Switching Pin. This is the collector of the internal NPN power switch. Connect to
inductor and diode. Minimize the metal trace area connected to this pin to reduce
EMI.
2
Ground
Ground Pin. Connect directly to local ground plane.
3
Feedback
Feedback Pin. Reference voltage is 95mV. Connect LEDs and a resistor at this pin.
LED current is determined by the resistance and CTRL voltage.
4
CTRL
Shutdown Pin and Dimming Control Pin.
VCTRL > 1.8V generates full-scale LED current
VCTRL < 0.4V chip is off
Switching from 04V to 2.0V, PWM duty cycle controls the LED current
5
OVP
Over Voltage Protection, 30V
6
Input
Input Supply Pin. Bypass this pin with a capacitor as close to the device as possible



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com