Electronic Components Datasheet Search
  English  ▼

X  

TS19370 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19370
Description  Boost (Step-up) WLED Driver with OVP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19370 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19370 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19370 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19370
Boost (Step-up) WLED Driver with OVP
5/8
Version: D08
Application Information (Continue)
LED Current Control
The LED current is controlled by the feedback resistor (R1). The feedback reference is 95mV. The LED current is
95mV/R1. In order to have accurate LED current, precision resistors are preferred (1% is recommended). The formula
and table 3 for R1 selection are shown below.
R1 = 95mV/ILED
ILED (mA)
R1(Ω)
5
19.1
10
9.53
12
7.87
15
6.34
20
4.75
LED Dimming Control
There are some different types of dimming control circuits:
1. Using a PWM Signal to SHDN Pin
With the PWM signal applied to the SHDN pin, the TS19370 is turned on or off by the PWM signal. The LEDs operate
at either zero or full current. The average LED current increases proportionally with the duty cycle of the PWM signal. A
0% duty cycle will turn off the TS19370 and corresponds to zero LED current. A 100% duty cycle corresponds to full
current. The typical frequency range of the PWM signal is 1kHz to 10kHz.
The magnitude of the PWM signal should be higher than the minimum SHDN voltage high.
For some applications, the preferred method of brightness control is a variable DC voltage to adjust the LED current.
The dimming control using a DC voltage is shown in Figure 4. As the DC voltage increases, the voltage drop on R2
increases and the voltage drop on R1 decreases. Thus, the LED current decreases. The selection of R2 and R3 will
make the current from the variable DC source much smaller than the LED current and much larger than the FB pin bias
current. For VDC range from 0V to 2V, the selection of resistors in Figure 4 gives dimming control of LED current from
0mA to 20mA.
Dimming Control using a DC Voltage
VDC(V)
VFB
Iout(mA)
2
0
0
1.8
2.2
0.43
1.6
9.2
1.8
1.4
19.6
3.6
1.2
31.1
6
1
43.4
8.5
0.8
63
12.3
0.6
74
14.5
0.4
86.4
16.9
0.2
96.9
19
0
102
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com