Electronic Components Datasheet Search
  English  ▼

X  

TSP4264 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSP4264
Description  5V/150mA Fixed-Voltage Ultra Low LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSP4264 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSP4264 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSP4264
5V/150mA Fixed-Voltage Ultra Low LDO
2/6
Version: A09
Absolute Maximum Rating
Limit Values
Parameter
Symbol
Min.
Max.
Unit
Notes
Input Voltage
VIN
-42
45
V
Input Voltage (Operating Range)
VIN (OPR)
5.5
45
V
Input Current
IIN
--
--
--
Internally Limited
Output Voltage
VOUT
-0.3
32
V
Output Current
IOUT
--
--
--
Internally Limited
Ground Current
IGND
50
--
mA
Junction Temperature
TJ
--
150
ºC
Junction Temperature (Operating Range)
TJ (OPR)
-40
150
ºC
Storage Temperature
TSTG
-50
150
ºC
Thermal Performance
Limit Values
Parameter
Symbol
Min.
Max.
Unit
Notes
Thermal Resistance Junction-Ambient
RΘJA
--
80
oC/W
Thermal Resistance Junction-Pin
RΘJP
--
17
oC/W
Note: Measured to pin 2 (tab)
Electrical Characteristics VIN=13.5V, -40≤ TJ ≤+150, unless otherwise specified.
Limit Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Output Voltage
VOUT
4.90
5.0
5.10
V
6V ≤ VIN ≤ 28V, 5mA ≤ Io ≤ 100mA
Output Current Limit
IOUT
120
150
--
mA
--
--
400
uA
Io=1mA
Current Consumption
IQ
--
10
15
mA
Io=100mA
Dropout Voltage (Note)
VDROP
--
0.25
0.5
V
Io=100mA
Load Regulation
REGLOAD
--
50
90
mV
5mA ≤ Io ≤ 100mA, VIN =13.5V
Line Regulation
REGLINE
--
15
30
mV
6V ≤ VIN ≤ 28V, Io=5mA
Ripple Rejection
PSRR
--
54
--
dB
f =100Hz, VR =0.5VPP
Note: Dropout voltage = VIN – VOUT
(Measured where VOUT has dropped 100mV from the nominal value obtained at VIN = 13.5V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com