Electronic Components Datasheet Search
  English  ▼

X  

TSP4264 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSP4264
Description  5V/150mA Fixed-Voltage Ultra Low LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSP4264 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSP4264 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSP4264 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSP4264
5V/150mA Fixed-Voltage Ultra Low LDO
3/6
Version: A09
Typical Application Circuit
Application Information
Dimensioning Information on External Components
The input capacitor CIN is necessary for compensating line influences. Using a resistor of approx. 1Ω in series with CIN,
the oscillating of input inductivity and input capacitance can be clamped. The output capacitor COUT is necessary for the
stability of the regulating circuit. Stability is guaranteed at values COUT ≥10uF and an ESR ≤ 10Ω within the operating
temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a voltage
that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation control,
working as a function of load current, prevents any over-saturation of the power element. The IC is additionally
protected against overload, over temperature and reverse polarity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com