Electronic Components Datasheet Search
  English  ▼

X  

MIT-4A11 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MIT-4A11
Description  SUBMINIATURE PHOTOINTERRUPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIT-4A11 Datasheet(HTML) 3 Page - Unity Opto Technology

  MIT-4A11 Datasheet HTML 1Page - Unity Opto Technology MIT-4A11 Datasheet HTML 2Page - Unity Opto Technology MIT-4A11 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MIT-4A11A
Typical Optical-Electrical Characteristic Curves
Response Time Measurement Circuit
Sensing Position Characteristics
(Typical)
(Center of optical axis)
04/01/2002
1
10
100
1000
10000
0
25
50
75
100
0.1
1
10
100
1000
0.01
0.1
1
10
100
Load Resistance Rt (KΩ)
Fig.8 Response Time vs.
Load Resistance
Unity Opto Technology Co., Ltd.
0
20
40
60
80
100
700
800
900
1000
1100
1200
Wavelength (nm)
Fig.9 Spectral Sensitivity
(Detecting side)
Ambient Temperature TA ( ℃ )
Fig.7 Collector Dark Current vs.
Ambient Temperature
Ta=25
℃
Input
Output
90 %
10 %
tr
tf
t
t
0
50
100
-2 -1 0 +1 +2 (mm) -2 -1 0 +1 +2 (mm)
I F =20mA
V CE =5V
Ta=25 ℃
I F =20mA
V CE =5V
Ta=25 ℃
Distance d (mm)
Y
X
0
+
0
+
Y
X
VCE=20V
V CE =2V
I C =100 µ A
Ta=25
℃
IL
Input
VCC
Output
VR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com