Electronic Components Datasheet Search
  English  ▼

X  

MIT-4A11 Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MIT-4A11
Description  SUBMINIATURE PHOTOINTERRUPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIT-4A11 Datasheet(HTML) 2 Page - Unity Opto Technology

  MIT-4A11 Datasheet HTML 1Page - Unity Opto Technology MIT-4A11 Datasheet HTML 2Page - Unity Opto Technology MIT-4A11 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIT-4A11A
Optical-Electrical Characteristics
@TA =25
oC
Parameter
Min.
Typ.
Max.
Unit.
Test Conditions
Input
Forward Voltage
-
1.2
1.4
V
IF =20mA
Reverse Current
-
-
10
µA V
R =3V
Collector Dark Current
-
-
100
nA
Vce =10V
-
-
0.4
V
Ic=0.1mA,Ee=0.1mW/cm
2
A
0.5
-
4.0
B
3.0
-
6.0
Transfer Cha-
C
5.0
-
8.0
racteristics
D
7.0
-
10.0
Response Time (RISE)
tr
-
50
150
µS
Response Time (FALL)
tf
-
50
150
µS
Typical Optical-Electrical Characteristic Curves
04/01/2002
Collector Emitter Saturation Voltage
VCE(SAT)
Collector Current
Ic
mA
IF =20mA, Vce =5V
Ic=100
µA, Vce =5V
RL=1KΩ
symbol
VF
IR
Iceo
Unity Opto Technology Co., Ltd.
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
5
10
15
20
25
30
0
20
40
60
80
100
120
-25
0
25
50
75
100
Ambient Temperature TA (
oC )
Fig.2 Power Dissipation vs
Ambient Temperature
PTOT
PD , PC
0
20
40
60
80
100
120
-25
0
25
50
75
100
Vce=2V
Ta=25
℃
Forward Current IF (mA)
Fig.4 Collector Current vs
Forward Current
0
10
20
30
40
50
60
-25
0
25
50
75
100
Ambient Temperature TA
Fig.1 forward Current VS.
Ambient Temperature
Ambient Temperature TA (
oC )
Fig.6 Relative Collector Current VS. TA
Forward Voltage VF (V)
Fig.3 Forward Current VS
Forward Voltage
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
2
4
6
8
10
12
Collector-Emitter Voltage Vce (V)
Fig.5 Collector Current vs. Vce
Ta=25
℃
IF=15mA
10mA
4mA
20mA
0
20
40
60
80
100
0.8
1.2
1.6
2.0
2.4
2.8
Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com