Electronic Components Datasheet Search
  English  ▼

X  

AD6659-80EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD6659-80EBZ
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659-80EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6659-80EBZ Datasheet HTML 3Page - Analog Devices AD6659-80EBZ Datasheet HTML 4Page - Analog Devices AD6659-80EBZ Datasheet HTML 5Page - Analog Devices AD6659-80EBZ Datasheet HTML 6Page - Analog Devices AD6659-80EBZ Datasheet HTML 7Page - Analog Devices AD6659-80EBZ Datasheet HTML 8Page - Analog Devices AD6659-80EBZ Datasheet HTML 9Page - Analog Devices AD6659-80EBZ Datasheet HTML 10Page - Analog Devices AD6659-80EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD6659
Rev.
| Page 7 of
40
SWITCHING SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 4.
Parameter
Temp
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
480
MHz
Conversion Rate1
Full
3
80
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
12.5
ns
CLK Pulse Width High (tCH)
Full
6.25
ns
Aperture Delay (tA)
Full
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
ps rms
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)
Full
3
ns
DCO Propagation Delay (tDCO)
Full
3
ns
DCO to Data Skew (tSKEW)
Full
0.1
ns
Pipeline Delay (Latency)
Full
9
Cycles
With NSR Enabled
Full
10
Cycles
With QEC Enabled
Full
11
Cycles
Wake-Up Time2
Full
350
μs
Standby
Full
260
ns
OUT-OF-RANGE RECOVERY TIME
Full
2
Cycles
1 Conversion rate is the clock rate after the CLK divider.
2 Wake-up time is dependent on the value of the decoupling capacitors.
tPD
tSKEW
tCH
tDCO
tCLK
N – 9
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
N – 8N – 7N – 6N – 5
VIN
CLK+
CLK–
CH A/CH B DATA
DCOA/DCOB
tA
Figure 2. CMOS Output Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com