Electronic Components Datasheet Search
  English  ▼

X  

AD6659-80EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD6659-80EBZ
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659-80EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6659-80EBZ Datasheet HTML 9Page - Analog Devices AD6659-80EBZ Datasheet HTML 10Page - Analog Devices AD6659-80EBZ Datasheet HTML 11Page - Analog Devices AD6659-80EBZ Datasheet HTML 12Page - Analog Devices AD6659-80EBZ Datasheet HTML 13Page - Analog Devices AD6659-80EBZ Datasheet HTML 14Page - Analog Devices AD6659-80EBZ Datasheet HTML 15Page - Analog Devices AD6659-80EBZ Datasheet HTML 16Page - Analog Devices AD6659-80EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD6659
Rev. A | Page 13 of 40
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
INPUT FREQUENCY (MHz)
SNR
SFDR
Figure 12. SNR/SFDR vs. Input Frequency (AIN) with
2 V p-p Full Scale
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 13. DNL Error with fIN = 9.7 MHz
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
SAMPLE RATE (MHz)
SNRFS
SFDR
Figure 14. SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
0
20
40
60
80
120
100
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBc)
SNR
SNRFS
SFDR
SFDRFS
Figure 15. SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
–0.2
0.4
0.2
0
–0.4
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 16. INL Error with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com