Electronic Components Datasheet Search
  English  ▼

X  

AM1705 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705
Description  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM1705 Datasheet HTML 62Page - Texas Instruments AM1705 Datasheet HTML 63Page - Texas Instruments AM1705 Datasheet HTML 64Page - Texas Instruments AM1705 Datasheet HTML 65Page - Texas Instruments AM1705 Datasheet HTML 66Page - Texas Instruments AM1705 Datasheet HTML 67Page - Texas Instruments AM1705 Datasheet HTML 68Page - Texas Instruments AM1705 Datasheet HTML 69Page - Texas Instruments AM1705 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 155 page
background image
EMB_CS
EMB_CAS
EMB_RAS
EMB_WE
EMB_CLK
EMB_SDCKE
EMB_BA[1:0]
EMB_A[11:0]
EMB_WE_DQM[0]
EMB_WE_DQM[1]
EMB_D[15:0]
EMIFB
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[11:0]
LDQM
UDQM
DQ[15:0]
SDRAM
2Mx16x4
Bank
AM1705
SPRS657 – FEBRUARY 2010
www.ti.com
6.12.1 Interfacing to SDRAM
The EMIFB supports a glueless interface to SDRAM devices with the following characteristics:
•
Pre-charge bit is A[10]
•
Supports 8, 9, 10 or 11 column address bits
•
Supports up to 13 row address bits
•
Supports 1, 2 or 4 internal banks
Table 6-21 shows the supported SDRAM configurations for EMIFB.
Table 6-21. EMIFB Supported SDRAM Configurations(1)
SDRAM
Memory
Memory
Number of
EMIFB Data
Total Memory
Total Memory
Data Bus
Rows
Columns
Banks
Density
Memories
Bus Size
(Mbits)
(Mbytes)
Width
(Mbits)
(bits)
2
32
13
8
1
64
8
32
2
32
13
8
2
128
16
64
2
32
13
8
4
256
32
128
2
32
13
9
1
128
16
64
2
32
13
9
2
256
32
128
2
32
13
9
4
512
64
256
16
2
32
13
10
1
256
32
128
2
32
13
10
2
512
64
256
2
32
13
10
4
1024
128
512
2
32
13
11
1
512
64
256
2
32
13
11
2
1024
128
512
2
32
13
11
4
2048
256
1024
(1)
The shaded cells indicate configurations that are possible on the EMIFB interface but as of this writing SDRAM memories capable of
supporting these densities are not available in the market.
Figure 6-17 shows an interface between the EMIFB and a 2M × 16 × 4 bank SDRAM device. Figure 6-18
shows an interface between the EMIFB and two 4M × 16 × 4 bank SDRAM devices. Refer to Table 6-22,
as an example that shows additional list of commonly-supported SDRAM devices and the required
connections for the address pins. Note that in Table 6-22, page size/column size (not indicated in the
table) is varied to get the required addressability range.
Figure 6-17. EMIFB to 2M × 16 × 4 bank SDRAM Interface
66
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com