Electronic Components Datasheet Search
  English  ▼

X  

AM1705 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705
Description  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM1705 Datasheet HTML 9Page - Texas Instruments AM1705 Datasheet HTML 10Page - Texas Instruments AM1705 Datasheet HTML 11Page - Texas Instruments AM1705 Datasheet HTML 12Page - Texas Instruments AM1705 Datasheet HTML 13Page - Texas Instruments AM1705 Datasheet HTML 14Page - Texas Instruments AM1705 Datasheet HTML 15Page - Texas Instruments AM1705 Datasheet HTML 16Page - Texas Instruments AM1705 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
AM1705
www.ti.com
SPRS657 – FEBRUARY 2010
Table 3-2. AM1705 Top Level Memory Map (continued)
Start Address
End Address
Size
ARM Mem Map
EDMA Mem
PRUSS Mem
Master Peripheral
Map
Map
Mem Map
0x01E1 2000
0x01E1 2FFF
4K
SPI 1
0x01E1 3000
0x01E1 3FFF
-
0x01E1 4000
0x01E1 4FFF
4K
Memory Protection Unit 1 (MPU 1)
0x01E1 5000
0x01E1 5FFF
4K
Memory Protection Unit 2 (MPU 2)
0x01E1 6000
0x01E1 FFFF
-
0x01E2 0000
0x01E2 1FFF
8K
EMAC Control Module RAM
0x01E2 2000
0x01E2 2FFF
4K
EMAC Control Module Registers
0x01E2 3000
0x01E2 3FFF
4K
EMAC Control Registers
0x01E2 4000
0x01E2 4FFF
4K
EMAC MDIO port
0x01E2 5000
0x01E2 5FFF
-
0x01E2 6000
0x01E2 6FFF
4K
GPIO
0x01E2 7000
0x01E2 7FFF
4K
PSC 1
0x01E2 8000
0x01E2 8FFF
4K
I2C 1
0x01E2 9000
0x01EF FFFF
-
0x01F0 0000
0x01F0 0FFF
4K
eHRPWM 0
0x01F0 1000
0x01F0 1FFF
4K
HRPWM 0
0x01F0 2000
0x01F0 2FFF
4K
eHRPWM 1
0x01F0 3000
0x01F0 3FFF
4K
HRPWM 1
0x01F0 4000
0x01F0 4FFF
4K
eHRPWM 2
0x01F0 5000
0x01F0 5FFF
4K
HRPWM 2
0x01F0 6000
0x01F0 6FFF
4K
ECAP 0
0x01F0 7000
0x01F0 7FFF
4K
ECAP 1
0x01F0 8000
0x01F0 8FFF
4K
ECAP 2
0x01F0 9000
0x01F0 9FFF
4K
EQEP 0
0x01F0 A000
0x01F0 AFFF
4K
EQEP 1
0x01F0 B000
0x3FFF FFFF
-
0x4000 0000
0x47FF FFFF
-
0x4800 0000
0x5FFF FFFF
-
0x6000 0000
0x61FF FFFF
32M
EMIFA async data (CS2)
0x6200 0000
0x63FF FFFF
32M
EMIFA async data (CS3)
0x6400 0000
0x65FF FFFF
32M
EMIFA async data (CS4)
0x6600 0000
0x67FF FFFF
32M
EMIFA async data (CS5)
0x6800 0000
0x6800 7FFF
32K
EMIFA Control Regs
0x6800 8000
0x7FFF FFFF
-
0x8000 0000
0x8001 FFFF
128K
On-chip RAM
0x8002 0000
0xAFFF FFFF
-
0xB000 0000
0xB000 7FFF
32K
EMIFB Control Regs
0xB000 8000
0xBFFF FFFF
-
0xC000 0000
0xCFFF FFFF
256M
EMIFB SDRAM Data
0xD000 0000
0xFFFC FFFF
0xFFFD 0000
0xFFFD FFFF
64K
ARM local
-
ROM
0xFFFE 0000
0xFFFE DFFF
-
0xFFFE E000
0xFFFE FFFF
8K
ARM Interrupt
-
Controller
0xFFFF 0000
0xFFFF 1FFF
8K
ARM local
-
ARM local
RAM
RAM (PRU 0
Only)
Copyright © 2010, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com