Electronic Components Datasheet Search
  English  ▼

X  

LTC2941 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2941
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2941 Datasheet HTML 8Page - Linear Technology LTC2941 Datasheet HTML 9Page - Linear Technology LTC2941 Datasheet HTML 10Page - Linear Technology LTC2941 Datasheet HTML 11Page - Linear Technology LTC2941 Datasheet HTML 12Page - Linear Technology LTC2941 Datasheet HTML 13Page - Linear Technology LTC2941 Datasheet HTML 14Page - Linear Technology LTC2941 Datasheet HTML 15Page - Linear Technology LTC2941 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2941
14
2941f
APPLICATIONS INFORMATION
it is sending its address, it monitors the SDA pin to see
if another device is sending an address at the same time
using standard I2C bus arbitration. If the LTC2941 is send-
ing a 1 and reads a 0 on the SDA pin on the rising edge of
SCL, it assumes another device with a lower address is
sending and the LTC2941 immediately aborts its transfer
and waits for the next ARA cycle to try again. If transfer
is successfully completed, the LTC2941 will stop pulling
down the AL/CC pin and will not respond to further ARA
requests until a new alert event occurs.
PC Board Layout Recommendations
Keep all traces as short as possible to minimize noise and
inaccuracy. Use a 4-wire Kelvin sense connection for the
sense resistor, locating the LTC2941 close to the resis-
tor with short sense traces to SENSE+ and SENSE–. Use
wider traces from the resistor to the battery, load and/or
charger (see Figure 10). Put the bypass capacitor close
to SENSE+ and GND.
LTC2941
2941 F10
RSENSE
TO BATTERY
TO
CHARGER/LOAD
4
5
6
3
2
C
1
Figure 10. Kelvin Connection on Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com