Electronic Components Datasheet Search
  English  ▼

X  

LTC2941 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2941
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941 Datasheet(HTML) 3 Page - Linear Technology

  LTC2941 Datasheet HTML 1Page - Linear Technology LTC2941 Datasheet HTML 2Page - Linear Technology LTC2941 Datasheet HTML 3Page - Linear Technology LTC2941 Datasheet HTML 4Page - Linear Technology LTC2941 Datasheet HTML 5Page - Linear Technology LTC2941 Datasheet HTML 6Page - Linear Technology LTC2941 Datasheet HTML 7Page - Linear Technology LTC2941 Datasheet HTML 8Page - Linear Technology LTC2941 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2941
3
2941f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Inputs and Digital Outputs
VITH
Logic Input Threshold, AL/CC, SCL,
SDA
l
0.3 •
VSENSE+
0.7 •
VSENSE+
V
VOL
Low Level Output Voltage, AL/CC, SDA
I = 3mA
l
0.4
V
IIN
Input Leakage, AL/CC, SCL, SDA
VIN = VSENSE+/2
l
1μA
CIN
Input Capacitance, AL/CC, SCL, SDA
(Note 7)
l
10
pF
tPCC
Minimum Charge Complete (CC) Pulse
Width
1μs
I2C Timing Characteristics
fSCL(MAX)
Maximum SCL Clock Frequency
l
400
900
kHz
tBUF(MIN)
Bus Free Time Between Stop/Start
l
1.3
μs
tSU,STA(MIN) Minimum Repeated Start Setup Time
l
600
ns
tHD,STA(MIN) Minimum Hold Time (Repeated)
Start Condition
l
600
ns
tSU,STO(MIN) Minimum Setup Time for Stop
Condition
l
600
ns
tSU,DAT(MIN) Minimum Data Setup Time Input
l
100
ns
tHD,DATI(MIN) Minimum Data Hold Time Input
l
0μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified
Note 3: ISUPPLY = ISENSE+ + ISENSE–
Note 4: The equivalent charge of an LSB in the accumulated charge
registers (C,D) depends on the value of RSENSE and the setting of the
internal pre-scaling factor M. It is calculated by:
q
LSB = 0.085mAh •
50mΩ
R
SENSE
•
M
128
See Choosing RSENSE and Coulomb Counter Prescaler M section for more
information.
1mAh = 3.6A • s = 3.6C (Coulomb), 0.085mAh = 306mC.
Note 5: Deviation of qLSB from its nominal value.
Note 6: CB = capacitance of one bus line in pF (10pF ≤ CB ≤ 400pF).
Note 7: Guaranteed by design, not subject to test.
TIMING DIAGRAM
tSU, DAT
tSU,STO
tSU,STA
tBUF
tHD,STA
tHD,DATO,
tHD,DATI
tHD,STA
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
SDA
SCL
2941 F01
tof
Figure 1. Definition of Timing on I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com