Electronic Components Datasheet Search
  English  ▼

X  

LT3060 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3060
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3060 Datasheet HTML 9Page - Linear Technology LT3060 Datasheet HTML 10Page - Linear Technology LT3060 Datasheet HTML 11Page - Linear Technology LT3060 Datasheet HTML 12Page - Linear Technology LT3060 Datasheet HTML 13Page - Linear Technology LT3060 Datasheet HTML 14Page - Linear Technology LT3060 Datasheet HTML 15Page - Linear Technology LT3060 Datasheet HTML 16Page - Linear Technology LT3060 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3060
13
3060f
voltages set for greater than 24V, use a minimum output
capacitor of 4.7μF. The LT3060 is a micropower device
and output load transient response is a function of output
capacitance. Larger values of output capacitance decrease
the peak deviations and provide improved transient
responseforlargerloadcurrentchanges.Bypasscapacitors,
used to decouple individual components powered by the
LT3060, increase the effective output capacitor value. For
applications with large load current transients, a low ESR
ceramic capacitor in parallel with a bulk tantalum capacitor
often provides an optimally damped response.
Give extra consideration to the use of ceramic capacitors.
Manufacturers make ceramic capacitors with a variety of
dielectrics, each with different behavior across tempera-
ture and applied voltage. The most common dielectrics
are specified with EIA temperature characteristic codes
of Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics
provide high C-V products in a small package at low cost,
but exhibit strong voltage and temperature coefficients, as
shown in Figures 4 and 5. When used with a 5V regulator,
a 16V 10μF Y5V capacitor can exhibit an effective value
as low as 1μF to 2μF for the DC bias voltage applied, and
over the operating temperature range. The X5R and X7R
dielectrics yield much more stable characteristics and are
more suitable for use as the output capacitor.
The X7R type works over a wider temperature range and
has better temperature stability, while the X5R is less
expensive and is available in higher values. Care still must
be exercised when using X5R and X7R capacitors; the X5R
and X7R codes only specify operating temperature range
and maximum capacitance change over temperature.
Capacitance change due to DC bias with X5R and X7R
capacitors is better than Y5V and Z5U capacitors, but can
still be significant enough to drop capacitor values below
appropriate levels. Capacitor DC bias characteristics tend
to improve as component case size increases, but expected
capacitance at operating voltage should be verified.
Voltageandtemperaturecoefficientsarenottheonlysources
of problems. Some ceramic capacitors have a piezoelectric
response. A piezoelectric device generates voltage across
its terminals due to mechanical stress, similar to the way
a piezoelectric accelerometer or microphone works. For a
ceramic capacitor, the stress is induced by vibrations in
the system or thermal transients. The resulting voltages
produced cause appreciable amounts of noise. A ceramic
capacitor produced the trace in Figure 6 in response to light
tapping from a pencil. Similar vibration induced behavior
can masquerade as increased output voltage noise.
Figure 4. Ceramic Capacitor DC Bias Characteristics
APPLICATIONS INFORMATION
DC BIAS VOLTAGE (V)
3060 F04
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3060 F05
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 5. Ceramic Capacitor Temperature Characteristics
4ms/DIV
3060 F06
VOUT
500μV/DIV
VOUT = 0.6V
COUT = 10μF
CREF/BYP = 10nF
ILOAD = 100mA
Figure 6. Noise Resulting from Tapping on a Ceramic Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com