Electronic Components Datasheet Search
  English  ▼

X  

LT3060 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3060
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060 Datasheet(HTML) 3 Page - Linear Technology

  LT3060 Datasheet HTML 1Page - Linear Technology LT3060 Datasheet HTML 2Page - Linear Technology LT3060 Datasheet HTML 3Page - Linear Technology LT3060 Datasheet HTML 4Page - Linear Technology LT3060 Datasheet HTML 5Page - Linear Technology LT3060 Datasheet HTML 6Page - Linear Technology LT3060 Datasheet HTML 7Page - Linear Technology LT3060 Datasheet HTML 8Page - Linear Technology LT3060 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3060
3
3060f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 4, 12)
ILOAD = 100mA
l
1.6
2.1
V
ADJ Pin Voltage (Notes 4, 5)
VIN = 2.1V, ILOAD = 1mA
2.1V < VIN < 45V, 1mA < ILOAD < 100mA (E, I, MP Grade)
2.1V < VIN < 45V, 1mA < ILOAD < 100mA (H Grade)
l
l
594
588
585
600
606
612
612
mV
mV
mV
Line Regulation (Note 4)
ΔVIN = 2.1V to 45V, ILOAD = 1mA
l
0.6
3.5
mV
Load Regulation (Note 4)
VIN = 2.1V, ILOAD = 1mA to 100mA
(E, I, MP Grade)
VIN = 2.1V, ILOAD = 1mA to 100mA
(H Grade)
l
l
0.2
4
9
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 6, 7)
ILOAD = 1mA
ILOAD = 1mA
l
75
110
180
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
150
200
300
mV
mV
ILOAD = 50mA (Note 14)
ILOAD = 50mA (Note 14)
l
240
280
410
mV
mV
ILOAD = 100mA (Note 14)
ILOAD = 100mA (Note 14)
l
300
350
510
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL) + 0.55V
(Notes 6, 8)
ILOAD = 0μA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
l
l
l
l
l
40
60
160
0.8
2
80
100
350
1.8
4
μA
μA
μA
mA
mA
Quiescent Current in Shutdown
VIN = 45V, VSHDN = 0V
0.3
1
μA
ADJ Pin Bias Current (Notes 4, 9)
VIN = 2.1V
l
15
60
nA
Output Voltage Noise
COUT = 10μF, ILOAD = 100mA, CBYP = 0.01μF
VOUT = 600mV, BW = 10Hz to 100kHz
30
μVRMS
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.3
0.8
0.7
1.5
V
V
SHDN Pin Current (Note 10)
VSHDN = 0V
VSHDN = 45V
l
l
0.9
1
3
μA
μA
Ripple Rejection (Note 4)
VIN – VOUT = 1.5V (AVG), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 100mA
65
85
dB
Current Limit
VIN = 7V, VOUT = 0
VIN = VOUT(NOMINAL) + 1V (Notes 6, 12), ΔVOUT = –5%
l
110
200
mA
mA
Input Reverse Leakage Current
VIN = –45V, VOUT = 0
l
300
μA
Reverse Output Current (Note 11)
VOUT = 1.2V, VIN = 0
0.2
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com