Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3574
Description  Isolated Flyback Converter Without an Opto-Coupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology LT3574 Datasheet HTML 21Page - Linear Technology LT3574 Datasheet HTML 22Page - Linear Technology LT3574 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3574

3574f
typical applications
VOUT+
5V
350mA
VOUT–
D1
C5
22µF
5.6µH
T1: PULSE PA3019NL
OR WÜRTH ELEKTRONIK 750370041
D1: B340A
D3: PMEG6010
C5: MURATA, GRM32ER71A226K
SHDN/UVLO
TC
SS
SW
VC
GND
BIAS
LT3574
3574 TA04
R6
28.7k
R5
10k
VIN
12V TO 24V
(30V*)
VIN
3:1:1
R1
499k
R2
71.5k
C1
10µF
T1
50µH
R4
6.04k
R3
80.6k
C3
1000pF
C4
4.7µF
C2
10nF
R7
59k
*OPTIONAL THIRD
WINDING FOR
30V OPERATION
D2
L1C
5.6µH
R8
4.02k
D3
C6
0.22µF
TEST
RILIM
RFB
RREF
•
•
•
5V Isolated Flyback Converter
Efficiency
IOUT (mA)
0
200
400
100
300
500 600 700
3574 TA04b
60
70
80
50
40
10
0
30
90
20
VIN = 24V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com