Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3574
Description  Isolated Flyback Converter Without an Opto-Coupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 3 Page - Linear Technology

  LT3574 Datasheet HTML 1Page - Linear Technology LT3574 Datasheet HTML 2Page - Linear Technology LT3574 Datasheet HTML 3Page - Linear Technology LT3574 Datasheet HTML 4Page - Linear Technology LT3574 Datasheet HTML 5Page - Linear Technology LT3574 Datasheet HTML 6Page - Linear Technology LT3574 Datasheet HTML 7Page - Linear Technology LT3574 Datasheet HTML 8Page - Linear Technology LT3574 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3574

3574f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3574E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design
characterization and correlation with statistical process controls. The
LT3574I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Current flows out of the RREF pin.
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted.
typical perForMance characteristics
Output Voltage
Quiescent Current
Bias Pin Voltage
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
4.80
4.85
4.95
5.00
5.05
5.20
5.15
0
50
75
4.90
5.10
–25
25
100 125
3574 G01
TEMPERATURE (°C)
–50
4
5
6
25
75
3574 G02
3
2
–25
0
50
100
125
1
0
VIN = 40V
BIAS = 20V
VIN = 5V
BIAS = 5V
TEMPERATURE (°C)
–50
2.0
2.4
2.6
2.8
3.2
0
50
75
2.2
3.0
–25
25
100 125
3574 G03
VIN = 40V
VIN = 12V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Transconductance
DI = 10µA, VIN = 3V
150
µmhos
Minimum Switching Frequency
VC = 0.35V
40
kHz
TC Current into RREF
RTC = 20.1k
27.5
µA
BIAS Pin Voltage
IBIAS = 30mA
2.9
3
3.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com