Electronic Components Datasheet Search
  English  ▼

X  

LT3029IDE Datasheet(PDF) 17 Page - Linear Technology

Part # LT3029IDE
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3029IDE Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3029IDE Datasheet HTML 12Page - Linear Technology LT3029IDE Datasheet HTML 13Page - Linear Technology LT3029IDE Datasheet HTML 14Page - Linear Technology LT3029IDE Datasheet HTML 15Page - Linear Technology LT3029IDE Datasheet HTML 16Page - Linear Technology LT3029IDE Datasheet HTML 17Page - Linear Technology LT3029IDE Datasheet HTML 18Page - Linear Technology LT3029IDE Datasheet HTML 19Page - Linear Technology LT3029IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3029
17
3029f
APPLICATIONS INFORMATION
22V. The output acts like an open circuit, and no current
flows from the output. However, current flows in (but
is limited by) the external resistor divider that sets the
output voltage.
The LT3029 incurs no damage if either ADJ pin is pulled
above or below ground by 9V. If the input is left open
circuit or grounded, the ADJ pins perform like an open
circuit down to –1.5V, and then like a 1.2k resistor down
to –9V when pulled below ground. When pulled above
ground, the ADJ pins perform like an open circuit up to
0.5V, then like a 5.7k resistor up to 3V, then like a 1.8k
resistor up to 9V.
In situations where an ADJ pin connects to a resistor
divider that would pull the pin above its 9V clamp volt-
age if the output is pulled high, the ADJ pin input current
must be limited to less than 5mA. For example, assume
a resistor divider sets the regulated output voltage to
1.5V, and the output is forced to 20V. The top resistor of
the resistor divider must be chosen to limit the current
into the ADJ pin to less than 5mA when the ADJ pin is
at 9V. The 11V difference between the OUT and ADJ pins
divided by the 5mA maximum current into the ADJ pin
yields a minimum top resistor value of 2.2k.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled
to ground, pulled to some intermediate voltage or is left
open-circuit. Current flow back into the output follows the
curve shown in Figure 5.
If either of the LT3029’s IN pins is forced below its cor-
responding OUT pin, or the OUT pin is pulled above its
corresponding IN pin, input current for that channel typi-
cally drops to less than 2μA. This occurs if the IN pin is
connected to a discharged (low voltage) battery, and either
a backup battery or a second regulator circuit holds up
the output. The state of that channel’s SHDN pin has no
effect on the reverse output current if the output is pulled
above the input.
Figure 5. Reverse Output Current
OUTPUT VOLTAGE (V)
3029 F05
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TJ = 25°C
VIN = 0V
VADJ = VOUT
IADJ FLOWS INTO ADJ PIN TO GND PIN
IOUT FLOWS INTO OUT PIN TO IN PIN
0123
4
5
6789
IADJ
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com