Electronic Components Datasheet Search
  English  ▼

X  

LTC3604 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3604
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 5 Page - Linear Technology

  LTC3604 Datasheet HTML 1Page - Linear Technology LTC3604 Datasheet HTML 2Page - Linear Technology LTC3604 Datasheet HTML 3Page - Linear Technology LTC3604 Datasheet HTML 4Page - Linear Technology LTC3604 Datasheet HTML 5Page - Linear Technology LTC3604 Datasheet HTML 6Page - Linear Technology LTC3604 Datasheet HTML 7Page - Linear Technology LTC3604 Datasheet HTML 8Page - Linear Technology LTC3604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3604
5
3604f
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs
Supply Voltage
Oscillator Frequency vs
Temperature
RDS(ON) vs Temperature
Switch Leakage vs Temperature
TA = 25°C, VIN = 12V, fO = 1MHz, L = 1.5μH unless otherwise noted.
Load Regulation
Oscillator Internal Set Frequency
vs Temperature
TRACK Pull-Up Current
vs Temperature
TEMPERATURE (°C)
–50
–25
0
80
200
0
50
75
3604 G07
40
160
120
25
100
125
TOP SWITCH
RDS(ON)
BOTTOM SWITCH
RDS(ON)
TEMPERATURE (°C)
–50
4000
5000
6000
25
75
3604 G08
3000
2000
–25
0
50
100
125
1000
0
TOP SWITCH
BOTTOM SWITCH
VDS = 12V
SUPPLY VOLTAGE (V)
4
220
260
300
340
380
6
8
10
12
3604 G09
14
16
TEMPERATURE (°C)
–50
1.5
25
3604 G10
0
–1.0
–25
0
50
–1.5
–2.0
2.0
1.0
0.5
–0.5
75
100
125
LOAD CURRENT (A)
0
0.4
0.6
0.8
1.5
2.5
3604 G14
0.2
0
–0.2
0.5
1
2
1.0
1.2
1.4
Burst Mode OPERATION
FORCED CONTINUOUS
TEMPERATURE (°C)
–50
2.25
2.50
2.75
25
75
3604 G11
2.00
1.75
–25
0
50
100
125
1.50
1.25
RT = INTVCC
TEMPERATURE (°C)
–50
1.4
1.6
2.0
25
75
3604 G12
1.2
1.0
–25
0
50
100
125
0.8
0.6
1.8
TEMPERATURE (°C)
–50
2
3
5
25
75
3604 G13
1
–25
0
50
100
150
125
0
4
Bottom Switch Valley Current
Limit vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com