Electronic Components Datasheet Search
  English  ▼

X  

LT3640 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3640
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640 Datasheet(HTML) 1 Page - Linear Technology

  LT3640 Datasheet HTML 1Page - Linear Technology LT3640 Datasheet HTML 2Page - Linear Technology LT3640 Datasheet HTML 3Page - Linear Technology LT3640 Datasheet HTML 4Page - Linear Technology LT3640 Datasheet HTML 5Page - Linear Technology LT3640 Datasheet HTML 6Page - Linear Technology LT3640 Datasheet HTML 7Page - Linear Technology LT3640 Datasheet HTML 8Page - Linear Technology LT3640 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3640
1
3640p
TYPICAL APPLICATION
DESCRIPTION
Dual Monolithic Buck
Regulator with Power-On
Reset and Watchdog Timer
The LT®3640 is a dual channel, current mode monolithic
buck switching regulator with a power-on reset and a
watchdog timer. Both regulators are synchronized to a
single oscillator with an adjustable frequency (350kHz to
2.5MHz). At light loads, both regulators operate in low
ripple Burst Mode® to maintain high efficiency and low
output ripple.
The high voltage channel is a nonsynchronous buck with
an internal 2.4A top switch that operates from an input
of 4V to 36V; a 38V OVLO protects the device to 55V. The
low voltage channel operates from an input of 2.5V to
5.5V. Internal synchronous power switches provide high
efficiency without the need of external Schottky diode.
Both channels have cycle-by-cycle current limit, providing
protection against shorted outputs.
The power-on reset and watchdog timeout periods are
both adjustable using external capacitors. The window
mode watchdog timer flags when the μP pulses group
too close together or too far apart.
The LT3640 is available in a 28-pin 4mm
× 5mm QFN
package and 28-pin TSSOP package. Both packages have
an exposed pad for low thermal resistance.
2MHz 3.3V/0.8A and 1.8V/0.8A Step Down Regulators
FEATURES
APPLICATIONS
n High Voltage Buck Regulator:
4V to 36V Operating Range
1.3A Output Current
n OVLO Protects Input to 55V
n Low Voltage Synchronous Buck Regulator:
2.5V to 5.5V Input Voltage Range
1A Output Current
n Synchronizable, Adjustable 350kHz to 2.5MHz
Switching Frequency
n Programmable Power-On Reset Timer
n Programmable Window Mode Watchdog Timer
n Quiescent Current: 275μA
n Short-Circuit Robust
n Programmable Soft-Start
n Low Shutdown Current: IQ < 1μA
n Available in Thermally Enhanced 28-Lead
(4mm
× 5mm) QFN and 28-Lead TSSOP Packages
n Industrial Power Supplies
n Automotive Electronic Control Units
3640 TA01a
SYNC
WDE
PGOOD
1nF
1nF
1.5nF
1.5nF
32.4k
VOUT2
1.8V/0.8A
VOUT1
3.3V/0.8A
47μF
10μF
100k
RST2
EN2
WDO
WDI
FB2
CWDT
CPOR
RT GND SS2
SS1
RST1
SW2
SW1
EN/UVLO VIN
VIN
5V TO 34V
SW
LT3640
BST
VIN2
FB1
1μH
100k
VOUT1
μP
100k
49.9k
80.6k
49.9k
3.3μH
0.22μF
DA
10μF
22μF
HV Channel Efficiency,
2MHz, VOUT1 = 3.3V
L, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
LV Channel Efficiency,
2MHz, VOUT2 = 1.8V
VOUT1 CURRENT (A)
0
70
80
0.2
0.4
0.8
0.6
1.0
90
75
85
1.2
3640 TA01b
VIN = 12V
VOUT2 CURRENT (A)
0
70
80
0.2
0.4
0.8
0.6
1
90
75
85
3640 TA01c
VIN2 = 3.3V
Electrical Specifications Subject to Change


Similar Part No. - LT3640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
Voltage Regulator with Watchdog Timer Reset
logo
Linear Technology
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
Buck Regulator with Power-On Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com