Electronic Components Datasheet Search
  English  ▼

X  

LT3640EUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LT3640EUFD
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EUFD Datasheet(HTML) 5 Page - Linear Technology

  LT3640EUFD Datasheet HTML 1Page - Linear Technology LT3640EUFD Datasheet HTML 2Page - Linear Technology LT3640EUFD Datasheet HTML 3Page - Linear Technology LT3640EUFD Datasheet HTML 4Page - Linear Technology LT3640EUFD Datasheet HTML 5Page - Linear Technology LT3640EUFD Datasheet HTML 6Page - Linear Technology LT3640EUFD Datasheet HTML 7Page - Linear Technology LT3640EUFD Datasheet HTML 8Page - Linear Technology LT3640EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3640
5
3640p
TYPICAL PERFORMANCE CHARACTERISTICS
LV Channel Efficiency
(2MHz, VOUT2 = 1.8V)
Quiescent Current vs VIN
Quiescent Current vs Temperature
HV Channel Efficiency
(2MHz, VOUT1 = 3.3V)
HV Channel Efficiency
(2MHz, VOUT1 = 5V)
LV Channel Efficiency
(2MHz, VOUT2 = 1.2V)
TA = 25°C, unless otherwise noted.
FB1 Voltage vs Temperature
FB1 Voltage vs SS1
FB2 Voltage vs Temperature
VOUT1 CURRENT (A)
0
70
80
0.2
0.4
0.8
0.6
1.0
90
75
85
1.2
3640 G01
VIN = 12V
VIN = 24V
VIN = 16V
VOUT1 CURRENT (A)
0
70
80
0.2
0.4
0.8
0.6
1.0
90
75
85
1.2
3640 G02
VIN = 12V
VIN = 24V
VIN = 16V
VOUT2 CURRENT (A)
0
70
80
0.2
0.4
0.8
0.6
1.0
90
75
85
3640 G04
VIN2 = 3.3V
VIN2 = 5V
VIN VOLTAGE (V)
0
0.20
0.25
0.30
0.15
0.10
20
10
30
40
0.05
0.00
0.35
3640 G05
TEMPERATURE (°C)
–50
200
250
300
150
100
50
0
100
150
50
0
350
3640 G06
TEMPERATURE (°C)
–50
50
0
100
150
3640 G07
1.00
1.10
1.20
1.30
1.40
1.05
1.15
1.25
1.35
REGULATION
RST1 THRESHOLD
SS1 VOLTAGE (V)
1.0
0
0.5
1.5
2.0
3640 G08
0.0
0.4
0.8
1.2
1.4
0.2
0.6
1.0
TEMPERATURE (°C)
–50
50
0
100
150
3640 G09
0.45
0.55
0.65
0.70
0.50
0.60
REGULATION
RST2 THRESHOLD
VOUT2 CURRENT (A)
0
70
80
0.2
0.4
0.8
0.6
1.0
90
75
85
3640 G03
VIN2 = 3.3V
VIN2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com