Electronic Components Datasheet Search
  English  ▼

X  

LT3640EUFD Datasheet(PDF) 6 Page - Linear Technology

Part # LT3640EUFD
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EUFD Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3640EUFD Datasheet HTML 2Page - Linear Technology LT3640EUFD Datasheet HTML 3Page - Linear Technology LT3640EUFD Datasheet HTML 4Page - Linear Technology LT3640EUFD Datasheet HTML 5Page - Linear Technology LT3640EUFD Datasheet HTML 6Page - Linear Technology LT3640EUFD Datasheet HTML 7Page - Linear Technology LT3640EUFD Datasheet HTML 8Page - Linear Technology LT3640EUFD Datasheet HTML 9Page - Linear Technology LT3640EUFD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3640
6
3640p
TYPICAL PERFORMANCE CHARACTERISTICS
FB2 Voltage vs SS2
Switching Frequency
vs Temperature
HV Channel Current Limit
vs Duty Cycle
VOUT1 Minimum Load to Run at
Full Frequency (VOUT1 = 3.3V)
HV Channel Switching Frequency
(VOUT1 = 3.3V)
LV Channel Switching Frequency
(VOUT2 = 1.8V)
LV Channel Peak Current Limit
vs Duty Cycle
LV Channel Switch Voltage
Drop vs Current (VIN2 = 3.3V)
TA = 25°C, unless otherwise noted.
SS2 VOLTAGE (mV)
3640 G10
0
200
400
600
700
100
300
500
0
200
400
6000
800
1000
TEMPERATURE (°C)
–50
50
0
100
150
3640 G11
0.48
0.50
0.52
0.49
0.51
DUTY CYCLE (%)
3640 G12
0
20
40
60
80
100
0.0
1.0
2.0
2.5
0.5
1.5
DUTY CYCLE (%)
3640 G13
0
20
40
60
80
100
0.0
1.0
2.0
0.5
1.5
SW2 CURRENT (A)
0
300
350
400
250
200
0.5
1
1.5
50
0
150
450
100
3640 G14
PMOS
NMOS
VIN VOLTAGE (V)
0
0.30
0.35
0.40
0.25
0.20
515
10
20
25
30
0.05
0
0.15
0.45
0.10
3640 G15
2MHz
2.5MHz
VOUT1 CURRENT (A)
3640 G16
0
1.0
2.0
2.5
0.5
1.5
0
0.2
0.4
0.6
0.8
1.0
1.2
VIN = 12V
VIN = 24V
VIN = 16V
VOUT2 CURRENT (A)
3640 G17
0
1.0
2.0
2.5
0.5
1.5
0
0.2
0.4
0.6
0.8
1.0
VIN2 = 3.3V
VIN2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com