Electronic Components Datasheet Search
  English  ▼

X  

LTC3857 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3857
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 2 Page - Linear Technology

  LTC3857 Datasheet HTML 1Page - Linear Technology LTC3857 Datasheet HTML 2Page - Linear Technology LTC3857 Datasheet HTML 3Page - Linear Technology LTC3857 Datasheet HTML 4Page - Linear Technology LTC3857 Datasheet HTML 5Page - Linear Technology LTC3857 Datasheet HTML 6Page - Linear Technology LTC3857 Datasheet HTML 7Page - Linear Technology LTC3857 Datasheet HTML 8Page - Linear Technology LTC3857 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3857

3857fa
pin conFiguraTion
absoluTe MaxiMuM raTings
(Note 1)
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
TOP VIEW
SENSE1–
FREQ
PHASMD
CLKOUT
PLLIN/MODE
SGND
RUN1
RUN2
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
UH PACKAGE
32-LEAD (5mm 5mm) PLASTIC QFN
33
SGND
TJMAX=125°C,θJA=34°C/W
EXPOSEDPAD(PIN33)ISSGND,MUSTBESOLDEREDTOPCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3857EUH#PBF
LTC3857EUH#TRPBF
3857
32-Lead(5mm
×5mm)PlasticQFN
–40°Cto125°C
LTC3857IUH#PBF
LTC3857IUH#TRPBF
3857
32-Lead(5mm
×5mm)PlasticQFN
–40°Cto125°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.*Thetemperaturegradeisidentifiedbyalabelontheshippingcontainer.
ConsultLTCMarketingforinformationonnon-standardleadbasedfinishparts.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/
InputSupplyVoltage(VIN)......................... –0.3Vto40V
TopsideDriverVoltages
BOOST1,BOOST2................................ –0.3Vto46V
SwitchVoltage(SW1,SW2)........................ –5Vto40V
(BOOST1-SW1),(BOOST2-SW2),INTVCC... –0.3Vto6V
RUN1,RUN2................................................ –0.3Vto8V
MaximumCurrentSourcedintoPin
fromSource>8V...............................................100µA
SENSE1+,SENSE2+,SENSE1–
SENSE2–Voltages...................................... –0.3Vto28V
PLLIN/MODE,FREQVoltages.............. –0.3VtoINTVCC
ILIM,PHASMDVoltages....................... –0.3VtoINTVCC
EXTVCC...................................................... –0.3Vto14V
ITH1,ITH2,VFB1,VFB2Voltages...................... –0.3Vto6V
PGOOD1,PGOOD2Voltages....................... –0.3Vto6V
TRACK/SS1,TRACK/SS2Voltages.............. –0.3Vto6V
OperatingJunctionTemperatureRange
(Note2................................................... –40°Cto125°C
MaximumJunctionTemperature(Note3)............ 125°C
StorageTemperatureRange................... –65°Cto150°C
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
InputSupplyOperatingVoltageRange
4
38
V
VFB1,2
RegulatedFeedbackVoltage
(Note4)ITH1,2Voltage=1.2V
–40°Cto125°C
–40°Cto85°C
l
0.788
0.792
0.800
0.800
0.812
0.808
V
V
IFB1,2
FeedbackCurrent
(Note4)
±5
±50
nA
VREFLNREG
ReferenceVoltageLineRegulation
(Note4)VIN=4.5Vto38V
0.002
0.02
%/V
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com