Electronic Components Datasheet Search
  English  ▼

X  

LTC3868IGN-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3868IGN-1
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868IGN-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3868IGN-1 Datasheet HTML 17Page - Linear Technology LTC3868IGN-1 Datasheet HTML 18Page - Linear Technology LTC3868IGN-1 Datasheet HTML 19Page - Linear Technology LTC3868IGN-1 Datasheet HTML 20Page - Linear Technology LTC3868IGN-1 Datasheet HTML 21Page - Linear Technology LTC3868IGN-1 Datasheet HTML 22Page - Linear Technology LTC3868IGN-1 Datasheet HTML 23Page - Linear Technology LTC3868IGN-1 Datasheet HTML 24Page - Linear Technology LTC3868IGN-1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3868-1

38681fb
applicaTions inForMaTion
linearrampingvoltageattheSSpin.TheLTC3868-1will
regulatetheVFBpin(andhenceVOUT)accordingtothe
voltageontheSSpin,allowingVOUTtorisesmoothlyfrom
0Vtoitsfinalregulatedvalue.Thetotalsoft-starttimewill
beapproximately:
t
C
V
µA
SS
SS
=
• .
0 8
1
INTVCC Regulators
TheLTC3868-1featurestwoseparateinternalP-channel
lowdropoutlinearregulators(LDO)thatsupplypower
attheINTVCCpinfromeithertheVINsupplypinorthe
EXTVCCpindependingontheconnectionoftheEXTVCC
pin. INTVCC powers the gate drivers and much of the
LTC3868-1’sinternalcircuitry.TheVINLDOandtheEXTVCC
LDOregulateINTVCCto5.1V.Eachofthesecansupplya
peakcurrentof50mAandmustbebypassedtoground
withaminimumof4.7µFlowESRcapacitor.Nomatter
whattypeofbulkcapacitorisused,anadditional1µFce-
ramiccapacitorplaceddirectlyadjacenttotheINTVCCand
PGNDICpinsishighlyrecommended.Goodbypassing
isneededtosupplythehightransientcurrentsrequired
bytheMOSFETgatedriversandtopreventinteraction
betweenthechannels.
HighinputvoltageapplicationsinwhichlargeMOSFETs
are being driven at high frequencies may cause the
maximumjunctiontemperatureratingfortheLTC3868-1
tobeexceeded.TheINTVCCcurrent,whichisdominated
bythegatechargecurrent,maybesuppliedbyeither
theVINLDOortheEXTVCCLDO.Whenthevoltageon
theEXTVCCpinislessthan4.7V,theVINLDOisenabled.
PowerdissipationfortheICinthiscaseishighestandis
equaltoVIN•IINTVCC.Thegatechargecurrentisdepen-
dentonoperatingfrequencyasdiscussedintheEfficiency
Considerationssection.Thejunctiontemperaturecanbe
estimatedbyusingtheequationsgiveninNote2ofthe
Electrical Characteristics. For example, the LTC3868-1
INTVCCcurrentislimitedtolessthan22mAfroma28V
supplywhennotusingtheEXTVCCsupplyat70°Cambient
temperatureintheSSOPpackage:
TJ=70°C+(22mA)(28V)(90°C/W)=125°C
Topreventthemaximumjunctiontemperaturefrombe-
ingexceeded,theinputsupplycurrentmustbechecked
whileoperatinginforcedcontinuousmode(PLLIN/MODE
=INTVCC)atmaximumVIN.
WhenthevoltageappliedtoEXTVCCrisesabove4.7V,the
VINLDOisturnedoffandtheEXTVCCLDOisenabled.The
EXTVCCLDOremainsonaslongasthevoltageappliedto
EXTVCCremainsabove4.5V.TheEXTVCCLDOattempts
toregulatetheINTVCCvoltageto5.1V,sowhileEXTVCC
islessthan5.1V,theLDOisindropoutandtheINTVCC
voltageisapproximatelyequaltoEXTVCC.WhenEXTVCC
isgreaterthan5.1V,uptoanabsolutemaximumof14V,
INTVCCisregulatedto5.1V.
UsingtheEXTVCCLDOallowstheMOSFETdriverand
controlpowertobederivedfromoneoftheLTC3868-1’s
switchingregulatoroutputs(4.7V≤VOUT≤14V)during
normaloperationandfromtheVINLDOwhentheout-
putisoutofregulation(e.g.,start-up,short-circuit).If
morecurrentisrequiredthroughtheEXTVCCLDOthan
is specified, an external Schottky diode can be added
betweentheEXTVCCandINTVCCpins.Inthiscase,do
notapplymorethan6VtotheEXTVCCpinandmakesure
thatEXTVCC≤VIN.
Significantefficiencyandthermalgainscanberealized
bypoweringINTVCCfromtheoutput,sincetheVINcur-
rentresultingfromthedriverandcontrolcurrentswillbe
scaledbyafactorof(DutyCycle)/(SwitcherEfficiency).
For5Vto14Vregulatoroutputs,thismeansconnecting
theEXTVCCpindirectlytoVOUT.TyingtheEXTVCCpinto
a8.5Vsupplyreducesthejunctiontemperatureinthe
previousexamplefrom125°Cto:
TJ=70°C+(45mA)(8.5V)(90°C/W)=87°C
However,for3.3Vandotherlowvoltageoutputs,addi-
tionalcircuitryisrequiredtoderiveINTVCCpowerfrom
theoutput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com