Electronic Components Datasheet Search
  English  ▼

X  

LT1631CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1631CS
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1631CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1631CS Datasheet HTML 10Page - Linear Technology LT1631CS Datasheet HTML 11Page - Linear Technology LT1631CS Datasheet HTML 12Page - Linear Technology LT1631CS Datasheet HTML 13Page - Linear Technology LT1631CS Datasheet HTML 14Page - Linear Technology LT1631CS Datasheet HTML 15Page - Linear Technology LT1631CS Datasheet HTML 16Page - Linear Technology LT1631CS Datasheet HTML 17Page - Linear Technology LT1631CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT1630/LT1631

16301fa
Typical perForMance characTerisTics
Harmonic Distortion vs Frequency
5V Small-Signal Response
5V Large-Signal Response
FREQUENCY (kHz)
100
0
–20
–40
–60
–80
–100
1000
1630/31 G30
200
500
3RD
2ND
2ND
3RD
VS = 5V, 0V
AV = 1
VIN = 2VP-P
RL = 150
RL = 1k
VS = 5V, 0V
AV = 1
RL = 1k
163031 G26
VS = 5V, 0V
AV = 1
RL = 1k
163031 G27
Harmonic Distortion vs Frequency
±15V Small-Signal Response
±15V Large-Signal Response
FREQUENCY (kHz)
100
0
–20
–40
–60
–80
–100
1000
1630/31 G31
200
500
3RD
2ND
3RD
VS = 5V, 0V
AV = –1
VIN = 2VP-P
RL = 150
RL = 1k
2ND
VS = ±15V
AV = 1
RL = 1k
163031 G28
VS = ±15V
AV = 1
RL = 1k
163031 G29
applicaTions inForMaTion
Rail-to-Rail Input and Output
The LT1630/LT1631 are fully functional for an input and
output signal range from the negative supply to the posi-
tive supply. Figure 1 shows a simplified schematic of the
amplifier. The input stage consists of two differential am-
plifiers, a PNP stage Q1/Q2 and an NPN stage Q3/Q4 that
are active over different ranges of input common mode
voltage. The PNP differential input pair is active for input
common mode voltages VCM between the negative supply
to approximately 1.4V below the positive supply. As VCM
moves closer toward the positive supply, the transis-
tor Q5 will steer the tail current I1 to the current mirror
Q6/Q7, activating the NPN differential pair and the PNP
pair becomes inactive for the rest of the input common
mode range up to the positive supply.
The output is configured with a pair of complementary
common emitter stages Q14/Q15 that enables the output
to swing from rail to rail. These devices are fabricated on
Linear Technology’s proprietary complementary bipolar
process to ensure similar DC and AC characteristics. Ca-
pacitors C1 and C2 form local feedback loops that lower
the output impedance at high frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com