Electronic Components Datasheet Search
  English  ▼

X  

LT1631CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1631CS
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1631CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1631CS Datasheet HTML 11Page - Linear Technology LT1631CS Datasheet HTML 12Page - Linear Technology LT1631CS Datasheet HTML 13Page - Linear Technology LT1631CS Datasheet HTML 14Page - Linear Technology LT1631CS Datasheet HTML 15Page - Linear Technology LT1631CS Datasheet HTML 16Page - Linear Technology LT1631CS Datasheet HTML 17Page - Linear Technology LT1631CS Datasheet HTML 18Page - Linear Technology LT1631CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT1630/LT1631

16301fa
applicaTions inForMaTion
Q4
Q6
VBIAS
D6
D5
+IN
D2
Q3
Q7
Q1
I1
I2
+
+
Q9
Q2
D4
D1
D3
–IN
OUT
V–
V+
Q5
Q12
Q8
Q14
1630/31 F01
C1
R1
R6
225
R7
225
R3
V–
CC
R4
R5
C2
R2
Q11
Q13
Q15
BUFFER
AND
OUTPUT BIAS
Figure 1. LT1630 Simplified Schematic Diagram
Power Dissipation
The LT1630/LT1631 amplifiers combine high speed and
large output current drive in a small package. Because
the amplifiers operate over a very wide supply range, it
is possible to exceed the maximum junction temperature
of 150°C in plastic packages under certain conditions.
Junction temperature, TJ, is calculated from the ambient
temperature, TA, and power dissipation, PD, as follows:
LT1630CN8: TJ = TA + (PD • 130°C/W)
LT1630CS8: TJ = TA + (PD • 190°C/W)
LT1631CS: TJ = TA + (PD • 150°C/W)
The power dissipation in the IC is the function of the
supply voltage, output voltage and load resistance. For
a given supply voltage, the worst-case power dissipation
PDMAX occurs at the maximum supply current and when
the output voltage is at half of either supply voltage (or the
maximumswingiflessthan1/2supplyvoltage).Therefore
PDMAX is given by:
PDMAX = (VS • ISMAX) + (VS/2)2/RL
To ensure that the LT1630/LT1631 are used properly,
calculate the worst-case power dissipation, get the ther-
mal resistance for a chosen package and its maximum
junction temperature to derive the maximum ambient
temperature.
Example: An LT1630CS8 operating on ±15V supplies and
driving a 500Ω, the worst-case power dissipation per
amplifier is given by:
PDMAX = (30V • 4.75mA) + (15V – 7.5V)(7.5/500)
= 0.143 + 0.113 = 0.256W
If both amplifiers are loaded simultaneously, then the
total power dissipation is 0.512W. The SO-8 package has
a junction-to-ambient thermal resistance of 190°C/W in
still air. Therefore, the maximum ambient temperature that
the part is allowed to operate is:
TA = TJ – (PDMAX • 190°C/W)
TA = 150°C – (0.512W • 190°C/W) = 53°C
For a higher operating temperature, lower the supply
voltage or use the DIP package part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com