Electronic Components Datasheet Search
  English  ▼

X  

LTC6246CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6246CS6
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6246CS6 Datasheet HTML 6Page - Linear Technology LTC6246CS6 Datasheet HTML 7Page - Linear Technology LTC6246CS6 Datasheet HTML 8Page - Linear Technology LTC6246CS6 Datasheet HTML 9Page - Linear Technology LTC6246CS6 Datasheet HTML 10Page - Linear Technology LTC6246CS6 Datasheet HTML 11Page - Linear Technology LTC6246CS6 Datasheet HTML 12Page - Linear Technology LTC6246CS6 Datasheet HTML 13Page - Linear Technology LTC6246CS6 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6246/LTC6247/LTC6248
0
624678fa
Typical perForMance characTerisTics
Open Loop Gain and Phase
vs Frequency
Gain vs Frequency (AV = 1)
Gain vs Frequency (AV = 2)
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Open Loop Gain
Output Short-Circuit Current
vs Power Supply Voltage
Open Loop Gain
Output Saturation Voltage
vs Load Current (Output Low)
LOAD CURRENT (mA)
624678 G22
10
1
0.1
0.01
0.01
10
100
1
0.1
VS = ±2.5V
TA = –55°C
TA = 125°C
TA = 25°C
OUTPUT VOLTAGE (V)
0
500
400
300
200
100
0
–100
–200
–300
–400
–500
2.5
3.5
624678 G24
5
RL = 1k TO MID SUPPLY
RL = 1k TO GROUND
RL = 100 TO MID SUPPLY
RL = 100 TO GROUND
TA = 25°C
VS = 5V, 0V
4 4.5
2
1.5
1
0.5
3
OUTPUT VOLTAGE (V)
0
1000
900
500
600
700
800
400
300
200
100
0
–100
–200
–300
2.5
624678 G25
2.7
RL = 1k TO MID SUPPLY
RL = 1k TO GROUND
RL = 100 TO MID SUPPLY
RL = 100 TO GROUND
TA = 25°C
VS = 2.7V, 0V
2
1.5
1
0.5
POWER SUPPLY VOLTAGE (±V)
1.25
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
1.65
1.45
2.05
624678 G23
2.65
TA = 125°C
TA = 125°C
SINK
SOURCE
TA = 25°C
TA = 25°C
TA = –55°C
TA = –55°C
2.25 2.45
1.85
FREQUENCY (MHz)
624678 G26
6
0
–18
–12
–6
–24
0.01
10
100
1
0.1
VS = ±2.5V
TA = 25°C
RL = 1k
FREQUENCY (MHz)
624678 G27
12
0
6
–12
–6
–18
0.01
10
100
1
0.1
VS = ±2.5V
TA = 25°C
RF = RG = 1k
RL = 1k
FREQUENCY (Hz)
624678 G28
80
10
20
30
40
50
60
70
–10
0
–20
150
0
50
100
–50
–100
100k
100M 300M
10M
1M
TA = 25°C
RL = 1k
VS = ±2.5V
PHASE
GAIN
VS = ±1.35V
VS = ±2.5V
VS = ±1.35V
TOTAL SUPPLY VOLTAGE (V)
2.5
200
180
160
140
120
100
70
60
50
3
3.5
4.5
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
624678 G29
TA = 25°C
RL = 1k
5
4
TEMPERATURE (°C)
–55
300
250
200
150
100
60
70
50
40
–35 –15
45
25
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
624678 G30
125
TA = 25°C
RL = 1k
65 85 105
5
VS = ±2.5V
VS = ±1.35V
VS = ±2.5V
VS = ±1.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com