Electronic Components Datasheet Search
  English  ▼

X  

LTC6246CS6 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6246CS6
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246CS6 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6246CS6 Datasheet HTML 11Page - Linear Technology LTC6246CS6 Datasheet HTML 12Page - Linear Technology LTC6246CS6 Datasheet HTML 13Page - Linear Technology LTC6246CS6 Datasheet HTML 14Page - Linear Technology LTC6246CS6 Datasheet HTML 15Page - Linear Technology LTC6246CS6 Datasheet HTML 16Page - Linear Technology LTC6246CS6 Datasheet HTML 17Page - Linear Technology LTC6246CS6 Datasheet HTML 18Page - Linear Technology LTC6246CS6 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
applicaTions inForMaTion
Figure 2. 5pF Feedback Cancels Parasitic Pole
Feedback Components
When feedback resistors are used to set up gain, care
must be taken to ensure that the pole formed by the
feedback resistors and the parasitic capacitance at the
inverting input does not degrade stability. For example if
the amplifier is set up in a gain of +2 configuration with
gain and feedback resistors of 5k, a parasitic capacitance
of 5pF (device + PC board) at the amplifier’s inverting
input will cause the part to oscillate, due to a pole formed
at 12.7MHz. An additional capacitor of 5pF across the
feedback resistor as shown in Figure 2 will eliminate any
ringing or oscillation. In general, if the resistive feedback
network results in a pole whose frequency lies within the
closed loop bandwidth of the amplifier, a capacitor can be
added in parallel with the feedback resistor to introduce
a zero whose frequency is close to the frequency of the
pole, improving stability.
624678 F02
CPAR
5k
VOUT
VIN
5k
5pF
Power Dissipation
The LTC6246 and LTC6247 contain one and two amplifiers
respectively. Hence the maximum on-chip power dis-
sipation for them will be less than the maximum on-chip
power dissipation for the LTC6248, which contains four
amplifiers.
The LTC6248 is housed in a small 16-lead MS package and
typically has a thermal resistance (
θJA) of 125°C/ W. It is
necessary to ensure that the die’s junction temperature
does not exceed 150°C. The junction temperature, TJ, is
calculated from the ambient temperature, TA, power dis-
sipation, PD, and thermal resistance,
θJA:
TJ = TA + (PD • θJA)
The power dissipation in the IC is a function of the supply
voltage, output voltage and load resistance. For a given
supply voltage with output connected to ground or supply,
the worst-case power dissipation PD(MAX) occurs when
the supply current is maximum and the output voltage at
half of either supply voltage for a given load resistance.
PD(MAX) is approximately (since IS actually changes with
output load current) given by:
PD(MAX) =(VS •IS(MAX))+
VS
2


2
/ RL
Example:ForanLTC6248ina16-leadMSpackageoperating
on ±2.5V supplies and driving a 100Ω load to ground, the
worst-case power dissipation is approximately given by
PD(MAX)/Amp = (5 • 1.3mA) + (1.25)2/100 = 22mW
If all four amplifiers are loaded simultaneously then the
total power dissipation is 88mW.
AttheAbsoluteMaximumambientoperatingtemperature,
the junction temperature under these conditions will be:
TJ = TA + PD • 125°C/W
= 125 + (0.088W • 125°C/W) = 136°C
which is less than the absolute maximum junction tem-
perature for the LTC6248 (150°C).
Refer to the Pin Configuration section for thermal resis-
tances of various packages.
Shutdown
The LTC6246 and LTC6247MS have SHDN pins that can
shut down the amplifier to 42µA typical supply current.
The SHDN pin needs to be taken below 0.8V above the
negative supply for the amplifier to shut down. When left
floating, the SHDN pin is internally pulled up to the positive
supply and the amplifier remains on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com