Electronic Components Datasheet Search
  English  ▼

X  

LPC2362 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2362
Description  Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2362 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2362 Datasheet HTML 17Page - NXP Semiconductors LPC2362 Datasheet HTML 18Page - NXP Semiconductors LPC2362 Datasheet HTML 19Page - NXP Semiconductors LPC2362 Datasheet HTML 20Page - NXP Semiconductors LPC2362 Datasheet HTML 21Page - NXP Semiconductors LPC2362 Datasheet HTML 22Page - NXP Semiconductors LPC2362 Datasheet HTML 23Page - NXP Semiconductors LPC2362 Datasheet HTML 24Page - NXP Semiconductors LPC2362 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
LPC2361_62_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2010
21 of 57
NXP Semiconductors
LPC2361/62
Single-chip 16-bit/32-bit MCU
7.11.1 Features
• Two CAN controllers and buses.
• Data rates to 1 Mbit/s on each bus.
• 32-bit register and RAM access.
• Compatible with CAN specification 2.0B, ISO 11898-1.
• Global Acceptance Filter recognizes 11-bit and 29-bit receive identifiers for all CAN
buses.
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard Identifiers.
• FullCAN messages can generate interrupts.
7.12 10-bit ADC
The LPC2361/2362 contain one ADC. It is a single 10-bit successive approximation ADC
with six channels.
7.12.1 Features
• 10-bit successive approximation ADC.
• Input multiplexing among 6 pins.
• Power-down mode.
• Measurement range 0 V to Vi(VREF).
• 10-bit conversion time ≥ 2.44 μs.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or Timer Match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
7.13 10-bit DAC
The DAC allows the LPC2361/2362 to generate a variable analog output. The maximum
output value of the DAC is Vi(VREF).
7.13.1 Features
• 10-bit DAC
• Resistor string architecture
• Buffered output
• Power-down mode
• Selectable output drive
7.14 UARTs
The LPC2361/2362 each contain four UARTs. In addition to standard transmit and receive
data lines, UART1 also provides a full modem control handshake interface.
The UARTs include a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com