Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9151 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P89LPC9151
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P89LPC9151 Datasheet HTML 61Page - NXP Semiconductors P89LPC9151 Datasheet HTML 62Page - NXP Semiconductors P89LPC9151 Datasheet HTML 63Page - NXP Semiconductors P89LPC9151 Datasheet HTML 64Page - NXP Semiconductors P89LPC9151 Datasheet HTML 65Page - NXP Semiconductors P89LPC9151 Datasheet HTML 66Page - NXP Semiconductors P89LPC9151 Datasheet HTML 67Page - NXP Semiconductors P89LPC9151 Datasheet HTML 68Page - NXP Semiconductors P89LPC9151 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
65 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
10. Static characteristics
Table 16.
Static characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
operating supply current
VDD = 3.6 V; fosc = 12 MHz
[2] -
10
15
mA
VDD = 3.6 V; fosc = 18 MHz
[2] -
14
23
mA
IDD(idle)
Idle mode supply current
VDD = 3.6 V; fosc = 12 MHz
[3] -
3.25
5
mA
VDD = 3.6 V; fosc = 18 MHz
[3] -
5
7
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.6 V; voltage
comparators powered down
[4] -
20
40
μA
IDD(tpd)
total Power-down mode
supply current
VDD = 3.6 V
[5] -
1
5
μA
(dV/dt)r
rise rate
of VDD; to ensure POR signal
5
-
5000
V/S
VDDR
data retention supply
voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold
voltage
except SCL, SDA
0.22VDD
0.4VDD
-
V
VIL
LOW-level input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
LOW-HIGH threshold
voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-level input voltage
SCL, SDA only
0.7VDD
-
5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-
V
VOL
LOW-level output voltage
IOL = 20 mA; VDD = 2.4 V to
3.6 V all ports, all modes
except high-Z
[6] -
0.6
1.0
V
IOL = 3.2 mA; VDD = 2.4 V to
3.6 V all ports, all modes
except high-Z
[6] -
0.2
0.3
V
VOH
HIGH-level output voltage
IOH = −20 μA;
VDD = 2.4 V to 3.6 V; all ports,
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
IOH = −3.2 mA;
VDD = 2.4 V to 3.6 V; all ports,
push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −10 mA;
VDD = 2.4 V to 3.6 V; all ports,
push-pull mode
-
3.2
-
V
Vn
voltage on any other pin
except VDD; with respect to
VSS
[7]
−0.5
-
+5.5
V
Ciss
input capacitance
[8] -
-
15
pF
IIL
LOW-level input current
VI = 0.4 V
[9] -
-
−80
μA
ILI
input leakage current
VI = VIL, VIH, or Vth(HL)
[10] -
-
±1
μA
ITHL
HIGH-LOW transition
current
all ports; VI = 1.5 V at
VDD = 3.6 V
[11]
−30
-
−450
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com