Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9151 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P89LPC9151
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P89LPC9151 Datasheet HTML 11Page - NXP Semiconductors P89LPC9151 Datasheet HTML 12Page - NXP Semiconductors P89LPC9151 Datasheet HTML 13Page - NXP Semiconductors P89LPC9151 Datasheet HTML 14Page - NXP Semiconductors P89LPC9151 Datasheet HTML 15Page - NXP Semiconductors P89LPC9151 Datasheet HTML 16Page - NXP Semiconductors P89LPC9151 Datasheet HTML 17Page - NXP Semiconductors P89LPC9151 Datasheet HTML 18Page - NXP Semiconductors P89LPC9151 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
15 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
[1]
Input/output for P1.0 to P1.4. Input for P1.5.
P1.0 to P1.5
I/O, I
[1]
Port 1: Port 1 is an 6-bit I/O port with a user-configurable output type, except for
three pins as noted below. During reset Port 1 latches are configured in the input
only mode with the internal pull-up disabled. The operation of the configurable
Port 1 pins as inputs and outputs depends upon the port configuration selected.
Each of the configurable port pins are programmed independently. Refer to
Section 7.15.1 “Port configurations” and Table 16 “Static characteristics” for
details. P1.2 to P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt trigger inputs.
Port 1 also provides various special functions as described below:
P1.0/TXD
10
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for serial port.
P1.1/RXD
9
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for serial port.
P1.2/T0/SCL
8
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain when
used as output).
I/O
SCL — I2C-bus serial clock input/output.
P1.3/INT0/SDA
7
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
P1.4/INT1
6
I/O
P1.4 — Port 1 bit 4. High current source.
I
INT1 — External interrupt 1 input.
P1.5/RST
3
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing
I/O ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force ISP
mode.
P2.2
5
I/O
Port 2: P2.2 is a single-bit I/O port with a user-configurable output type. During
reset P2.2 latch is configured in the input only mode with the internal pull-up
disabled. The operation of the output depends upon the port configuration
selected. Refer to Section 7.15 “I/O ports” for details.
This pin has Schmitt trigger inputs.
VSS
4
I
Ground: 0 V reference.
VDD
12
I
Power supply: This is the power supply voltage for normal operation as well as
Idle and Power-down modes.
Table 5.
P89LPC9171 Pin description
Symbol
Pin
Type
Description
TSSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com