Electronic Components Datasheet Search
  English  ▼

X  

B3D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3D
Description  Ultra-low Profile Dome Key
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3D Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3D Datasheet HTML 1Page - Omron Electronics LLC B3D Datasheet HTML 2Page - Omron Electronics LLC B3D Datasheet HTML 3Page - Omron Electronics LLC B3D Datasheet HTML 4Page - Omron Electronics LLC B3D Datasheet HTML 5Page - Omron Electronics LLC B3D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra-low Profile Dome Key
B3D
269
Ultra-low Profile Dome Key
B3D
Single-key Type Added to Series of B3DA
Ultra-low Profile Dome Arrays
• No soldering required. Attach directly to PCB to make an ultra-low
profile tactile switch. Construction provides strong resistance to
static electricity by having no soldered terminals.
• Matrix adhesive used to create highly dust-proof construction
with good ventilation.
• Lower profile, lighter weight, and crisp clicking action.
• Omron's unique circular contact action ensures a high level
of resistance to foreign matter.
• RoHS Compliant.
Application Examples
Use Dome Keys for the operating parts on various electronic devices that require low-profile controls, as follows:
• Operating switches with few mounted parts above PCBs.
(Example: Camera operating buttons)
• Small orders, where initial investment in Dome Arrays is not feasible.
(Example: Trial applications, commercial equipment, etc.)
• Applications requiring a single key only.
(Example: Reset buttons)
Specifications
Note: The Dome Keys are sold in units of 500 (20 sheets, with 25 Dome Keys per sheet). Orders must be made in multiples of 500 Dome Keys.
B3D-5112
B3D-4112
Item
Model
B3D-4112
B3D-5112
Diameter of contact dome
4-mm dia.
5-mm dia.
Operating force (OF)
approx. 170
± 50 gf (1.67± 0.49 N)
Releasing force (RF)
20 gf min. (0.2 N min.)
Pretravel (PT)
0.2
± 0.1 mm
Height
0.3
± 0.1 mm
Life expectancy
500,000 operations min.
1,000,000 operations min.
Switching capacity
10 mA at 12 VDC (resistive)
Minimum permissible load
1 mA at 3 VDC (resistive)
Ambient operating temperature
-40 to 80
°C (at 60% RH max.) with no icing or condensation.
Ambient storage humidity
10% to 90% (at 40
°C max.)
Contact - base material
Stainless steel
Plating
Silver


Similar Part No. - B3D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3D OMRON-B3D Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
B3D-4112 OMRON-B3D-4112 Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
B3D-5112 OMRON-B3D-5112 Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
logo
BASIC SEMICONDUCTOR
B3D05120E BASICSEMI-B3D05120E Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.0
B3D06065E BASICSEMI-B3D06065E Datasheet
2Mb / 8P
SiC Schottky Diode
Rev. 0.0
More results

Similar Description - B3D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT900A-SLUR MARKTECH-MT900A-SLUR Datasheet
111Kb / 2P
5mm Dome Top Ultra Bright Emmiter
MT900A-UR2 MARKTECH-MT900A-UR2 Datasheet
177Kb / 2P
5mm Dome Top Ultra Bright Emitter
logo
ITT Industries
P101133WM03NQ2 ITT-P101133WM03NQ2 Datasheet
209Kb / 3P
Low Profile Key Switches
logo
Omron Electronics LLC
B3DA OMRON-B3DA Datasheet
440Kb / 6P
Ultra-low Profile Dome Array
B3D OMRON-B3D_10 Datasheet
229Kb / 6P
Ultra-low Profile Dome Key
logo
C&K Components
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
Low Profile Key Switches
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
Ultra Low Profile
logo
Anaren Microwave
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
Ultra Low Profile 0805
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
Ultra Low Profile 0805
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com