Electronic Components Datasheet Search
  English  ▼

X  

B3D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3D
Description  Ultra-low Profile Dome Key
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3D Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3D Datasheet HTML 1Page - Omron Electronics LLC B3D Datasheet HTML 2Page - Omron Electronics LLC B3D Datasheet HTML 3Page - Omron Electronics LLC B3D Datasheet HTML 4Page - Omron Electronics LLC B3D Datasheet HTML 5Page - Omron Electronics LLC B3D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
270
Ultra-low Profile Dome Key
B3D
Structure
■ Matrix Adhesive
The surface structure of this adhesive has grid-shaped slits, as
shown in the following cross-sectional diagram. These slits provide
both ventilation and dust-proofing, which is required for contact dome
operation.
■ Circular Contact
When contact dome keys are attached to the PCB, any PCB dust or
foreign particles will tend to collect in the center of the key when it is
pressed. Therefore, poor contact occurs easily in keys that provide
contact at the center point only.
The circular contact construction provides contact along the circumference of
a circle, thus preventing poor contact by avoiding the center point.
Recommended Contact Form
PET film (white)
(with matrix adhesive)
Polyurethane
rubber film (with adhesive)
Stainless steel
contact dome
(circular contact)
15
µm
Slits
Matrix (acrylic)
adhesive: 25
µm
Cover film
Cylindrical protrusion
Contact along
circle circumference
(circular contact)
Contact at center point
Conventional models
Contact dome resistant to
foreign matter (circular contact)
4 mm Diameter Contact Dome (B3D-4112)
Resist (30 to 50
µm)
2.8 dia.
1.8 dia.
5.2 dia.
Gold-plated nickel
2.0
1.2
0.4
2.8 dia.
1.8 dia.
5.2 dia.
Gold-plated nickel
Single-side PCB
Multilayer PCB
5 mm Diameter Contact Dome (B3D-5112)
Resist (30 to 50
µm)
3.8 dia.
2.3 dia.
6.2 dia.
Gold-plated nickel
2.0
1.2
0.4
3.8 dia.
2.3 dia.
6.2 dia.
Gold-plated nickel
Single-side PCB
Multilayer PCB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com