Electronic Components Datasheet Search
  English  ▼

X  

B3SN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3SN
Description  Tactile Switch (SMD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3SN Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3SN Datasheet HTML 1Page - Omron Electronics LLC B3SN Datasheet HTML 2Page - Omron Electronics LLC B3SN Datasheet HTML 3Page - Omron Electronics LLC B3SN Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tactile Switch (SMD)
B3SN
255
Tactile Switch (SMD)
B3SN
Compact Surface Mount Tactile Switch
with Sealed Construction
• Sealed construction conforming to IP67 (IEC-60529) provides
high reliability in locations exposed to dust or water.
• Available with ground terminals for protection against static
electricity.
• Use of a stainless-steel spring provides a crisp clicking action.
• Gold plated version enables stable contact and insulation over
long periods of time.
• Available in embossed taping package for automatic insertion.
• RoHS Compliant
Ordering Information
Note: Order in multiples of the quantities given for each package
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value.
■ Operating Characteristics
Switch height
Operating force
Model
Without ground terminal
With ground terminal
Bags
(100 per bag)
Embossed Tape
(3,000 per reel)
Bags
(100 per bag)
Embossed Tape
(3,000 per reel)
3.1 mm
Standard
160g
B3SN-3012
B3SN-3012P
B3SN-3112
B3SN-3112P
Gold-plated
180g
- - -
B3SN-3012P-G
- - -
- - -
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Ambient operating temperature
-25
° to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Service life
100,000 operations min.
Weight
Approx. 0.20 g
Characteristics
Standard (B3SN)
Gold-plated (B3SN-G)
Operating force (OF)
160
± 50 g
180
± 60 g
Release force (RF) min.
30 g
Pretravel (PT)
0.25
± 0.15 mm


Similar Part No. - B3SN

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B3S WTE-B3S Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Omron Electronics LLC
B3S OMRON-B3S Datasheet
278Kb / 4P
Tactile Switch
logo
IMO Precision Controls ...
B3S IMO-B3S Datasheet
1Mb / 5P
Pushbuttons B3
B3/07/08
logo
Omron Electronics LLC
B3S-1000 OMRON-B3S-1000 Datasheet
49Kb / 5P
Mechanical Key Switch (SMD)
B3S-1000 OMRON-B3S-1000 Datasheet
278Kb / 4P
Tactile Switch
More results

Similar Description - B3SN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3FS OMRON-B3FS Datasheet
610Kb / 4P
Tactile Switch (SMD)
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
B3FS OMRON-B3FS_10 Datasheet
562Kb / 4P
Tactile Switch (SMD)
B3FS-4 OMRON-B3FS-4 Datasheet
248Kb / 2P
SMD Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com