Electronic Components Datasheet Search
  English  ▼

X  

B3SN Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3SN
Description  Tactile Switch (SMD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3SN Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3SN Datasheet HTML 1Page - Omron Electronics LLC B3SN Datasheet HTML 2Page - Omron Electronics LLC B3SN Datasheet HTML 3Page - Omron Electronics LLC B3SN Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
256
Tactile Switch (SMD)
B3SN
Engineering Data
■ Operating Force vs. Stroke
(typical example)
■ Construction
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
2. Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper
part of the rear side of the switch base, the terminal on the right of the logo mark is numbered “1” and that on the bottom right is “3.”
Accordingly, two terminals on the left side are numbered “2” and “4” respectively.
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information”
for correct use.
Film
Pushbutton
Cover
Terminals
Plunger
Contact dome
Fixed contact
Base
Without Ground Terminal
B3SN-3012
B3SN-3012P
B3SN-3012G
With Ground Terminal
B3SN-3112
B3SN-3112P
PCB Pad
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Pad
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
4±0.2
3 dia.
2
6
7±0.5
4
9.5
(4.6)
6.5
0.7
0.1
1.2
6
3.1 +0.3
2.6
5.4
4
2
3
1
4±0.2
3.4±0.2
3 dia.
2
7±0.5
4
9.5
(4.6)
6.5
0.7
0.7
0.1
1.2
6
2.6
1.4
5.4
4
2
3
5
1
6
-0.0
3.1 +0.3
-0.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com