Electronic Components Datasheet Search
  English  ▼

X  

B3U Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3U
Description  Ultra-small Tactile Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3U Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3U Datasheet HTML 1Page - Omron Electronics LLC B3U Datasheet HTML 2Page - Omron Electronics LLC B3U Datasheet HTML 3Page - Omron Electronics LLC B3U Datasheet HTML 4Page - Omron Electronics LLC B3U Datasheet HTML 5Page - Omron Electronics LLC B3U Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra-small Tactile Switch
B3U
243
Ultra-small Tactile Switch
B3U
Ultra-small-sized Tactile Switch with High
Contact Reliability: 1.2 x 3 x 2.5 mm (H x W x D)
• Industry’s smallest switch* allows high-density mounting on
PCBs for mobile equipment.
*As of October 2006 (according to OMRON survey).
• Dust-proof construction provides high reliability in dusty
environments.
• Surface mounted: Ideal for high-density mounting.
• Models with ground terminals are available for protection
against static electricity.
• RoHS Compliant
Ordering Information
Note: 1. Order in multiples of the quantities given for each package
2. Replace “P” in the part number with “PM” to order versions with 1,000 pieces per reel. Example: B3U-3100PM-B
Specifications
■ Characteristics
Note: Data shown are of initial value
■ Operating Characteristics
Type
Quantity per reel
Locating pin
Model
Without ground terminal
With ground terminal
Top-actuated
3,500 pieces
Without boss
B3U-1000P
B3U-1100P
With boss
B3U-1000P-B
B3U-1100P-B
Side-actuated
4,000 pieces
Without boss
B3U-3000P
B3U-3100P
With boss
B3U-3000P-B
B3U-3100P-B
Item
Top-actuated
(B3U-1000 Series)
Side-actuated
(B3U-3000 Series)
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 12 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 100 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max.
Vibration resistance
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
1,000 m/s2 max.
Life expectancy
200,000 operations min.
100,000 operations min.
Ambient operating temperature
–25 to 70
°C, (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Weight
Approx. 0.022 g
Characteristics
Top-actuated
(B3U-1000 Series)
Side-actuated
(B3U-3000 Series)
Operating force (OF)
153 ± 50 gf
162 ± 50 gf
Releasing force (RF) min.
20.3 gf
Pretravel (PT)
0.15
mm
0.2
mm
+0.2
–0.1
+0.2
–0.1


Similar Part No. - B3U

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
B3UO CPI-B3UO Datasheet
131Kb / 2P
50W Solid State BUCs
More results

Similar Description - B3U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
Mitsumi Electronics, Co...
STU MITSUMI-STU Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com