Electronic Components Datasheet Search
  English  ▼

X  

B3U Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3U
Description  Ultra-small Tactile Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3U Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3U Datasheet HTML 1Page - Omron Electronics LLC B3U Datasheet HTML 2Page - Omron Electronics LLC B3U Datasheet HTML 3Page - Omron Electronics LLC B3U Datasheet HTML 4Page - Omron Electronics LLC B3U Datasheet HTML 5Page - Omron Electronics LLC B3U Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
244
Ultra-small Tactile Switch
B3U
Dimensions
Note: All dimensions are in millimeters unless otherwise indicated. Unless otherwise specified, a tolerance of ±0.2 mm applies to all dimensions.
■ Top-actuated Models
Without Ground Terminal, without Boss
With Ground Terminal, without Boss
Without Ground Terminal, with Boss
With Ground Terminal, with Boss
3
4
2.5
1.4
2.6
±0.1
1.7
±0.1
4.2
±0.1
1.5 dia.
1.6 +
0.15
−0.10
1.2 +
0.15
−0.10
PCB Mounting
(Top View)
B3U-1000P
1.9
0.5
3
4
2.5
1.4
0.8
±0.1
1.1
±0.1
1.1
±0.1
2.6
±0.1
1.7
±0.1
4.2
±0.1
1.5 dia.
1.6 +
0.15
−0.10
1.2 +
0.15
−0.10
B3U-1100P
PCB Mounting
(Top View)
0.65
±0.05 dia.
0.5
3
4
2.5
1.4
2.6
±0.1
1.7
±0.1
4.2
±0.1
1.5 dia.
Hole: 0.75
+0.1
0 dia.
1.6 +
0.15
−0.10
1.2 +
0.15
−0.10
B3U-1000P-B
PCB Mounting
(Top View)
1.6 +
0.15
−0.10
1.2 +
0.15
−0.10
0.65
±0.05 dia.
0.5
1.9
0.5
3
4
2.5
1.4
0.8
±0.1
1.1
±0.1
1.1
±0.1
2.6
±0.1
1.7
±0.1
4.2
±0.1
1.5 dia.
Hole: 0.75
+0.1
0 dia.
B3U-1100P-B
PCB Mounting
(Top View)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com