Electronic Components Datasheet Search
  English  ▼

X  

D2X Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2X
Description  Detection Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2X Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2X Datasheet HTML 1Page - Omron Electronics LLC D2X Datasheet HTML 2Page - Omron Electronics LLC D2X Datasheet HTML 3Page - Omron Electronics LLC D2X Datasheet HTML 4Page - Omron Electronics LLC D2X Datasheet HTML 5Page - Omron Electronics LLC D2X Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Detection Switch
D2X
41
Detection Switch
D2X
Switch with Crimp Connector
• Reduced wiring time with AMP crimp-type connectors
• Snap-fit attachment for easy installation
• Actuator operates from either side, allowing mounting in
either direction
• High contact force and wiping action for greater contact
reliability
• Rated load 0.1 A at 30 VDC
• RoHS Compliant
Ordering Information
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The ratings apply under the following test conditions: Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/min.
Actuator
Terminal
Contact OF
Model
Standard Model
Center mounted rotary lever
Crimp-type connector
50 g
D2X-C
Electrical ratings
0.1 A, 30 VDC (resistive load)
Operating speed
0.1 mm to 100 mm/second
Operating frequency
Mechanical: 60 operations per minute
Electrical: 30 operations per minute
Contact resistance
200 m
Ω max.
Insulation resistance
100 M
Ω min. at 250 VDC
Dielectric strength
250 VAC, 50/60 Hz for 1 minute between terminals of same polarity
250 VAC, 50/60 Hz for 1 minute between current-carrying metal parts and ground
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction: 500 m/s2 (approx. 50G) max.
Malfunction: 300 m/s2 (approx. 30G) max.
Degree of protection
IEC IP00
Degree of protection against electric shock Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-10
° to 70°C (at 60% RH max.) with no icing
Ambient operating humidity
45% to 85% (for 5
°C to 35°C)
Service life
Mechanical: 1,000,000 operations min.
Electrical: 50,000 operations min.
Weight
Approx. 1 g


Similar Part No. - D2X

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D2X2XLG6 PANDUIT-D2X2XLG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
D2X3LG6 PANDUIT-D2X3LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
D2X4LG6 PANDUIT-D2X4LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
logo
Dubilier
D2XE DUBILIER-D2XE Datasheet
219Kb / 2P
EMI X2 SUPPRESSION
More results

Similar Description - D2X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
List of Unclassifed Man...
FT629 ETC1-FT629 Datasheet
99Kb / 2P
Switch Detection Chip
logo
Freescale Semiconductor...
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
Omron Electronics LLC
D3C OMRON-D3C Datasheet
441Kb / 6P
Detection Switch
D3SH OMRON-D3SH Datasheet
1Mb / 8P
Surface Mount Detection Switch
D3SK OMRON-D3SK Datasheet
820Kb / 6P
Surface Mount Detection Switch
D3C OMRON-D3C_10 Datasheet
362Kb / 4P
Detection Switch
D3SH OMRON-D3SH_10 Datasheet
1Mb / 8P
Surface Mount Detection Switch
D2A OMRON-D2A Datasheet
477Kb / 3P
Ultra Subminiature Detection Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com